Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5-UPG-SFP-R-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # F5-UPG-SFP-R-C
Description  F5-UPG-SFP-R F5 Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

F5-UPG-SFP-R-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  F5-UPG-SFP-R-C Datasheet HTML 1Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 2Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 3Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 4Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 5Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 6Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 7Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ F5-UPG-SFP-R-C_V1
Page 1 of 8
Product Datasheet
F5-UPG-SFP-R-C
F5® Compatible 1.25Gb/s 550m SFP Transceiver
Hot Pluggable, Duplex LC, +3.3V, 850nm, VCSEL MMF 550m DDM 0~70C
FEATURES
• Up to 1.25Gb/s Data Links
• Hot-Pluggable
• Duplex LC connector
• Up to 550m on 50/125μm MMF
• 850nm VCSEL laser transmitter
• Single +3.3V Power Supply
• Low power dissipation <1W typically
• Commercial operating temperature range 0°C to 70°C
• RoHS compliant and Lead Free
APPLICATIONS
• Metro/Access Networks
• 1.25 Gb/s 1000Base-SX Ethernet
• 1 × Fibre Channel
• Other Optical Links
DESCRIPTION
ATGBICS® Compatible
F5-UPG-SFP-R-C Transceiver is a high-performance, cost-effective module which has
a duplex LC optics interface. Standard AC coupled CML for high-speed signal and LVTTL control and monitor
signals. The receiver section uses a PIN receiver and the transmitter uses a 850 nm VCSEL laser, up to 8dB
link budge ensure this module 1000Base Ethernet 550m application.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Storage Temperature
TS
-40
+85
°C
Supply Voltage
VCC
-0.5
4
V
Relative Humidity
RH
0
85
%


Similar Part No. - F5-UPG-SFP-R-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
F5-UPG-SFP+-LR-R-C ATGBICS-F5-UPG-SFP+-LR-R-C Datasheet
570Kb / 10P
F5-UPG-SFP-LR-R F5 Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
F5-UPG-SFP+-MS-C ATGBICS-F5-UPG-SFP+-MS-C Datasheet
375Kb / 10P
F5-UPG-SFP-MS F5 Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
F5-UPG-SFP+-R-C ATGBICS-F5-UPG-SFP+-R-C Datasheet
375Kb / 10P
F5-UPG-SFP-R F5 Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
F5-UPG-SFP+LR-R-C ATGBICS-F5-UPG-SFP+LR-R-C Datasheet
570Kb / 10P
F5-UPG-SFPLR-R Fortinet Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
F5-UPG-SFPC-R-C ATGBICS-F5-UPG-SFPC-R-C Datasheet
185Kb / 7P
F5-UPG-SFPC-R F5 Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - F5-UPG-SFP-R-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
1000BASE-SX-SFP-C ATGBICS-1000BASE-SX-SFP-C Datasheet
293Kb / 8P
1000BASE-SX-SFP Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
F5-UPG-SFP+-MS-C ATGBICS-F5-UPG-SFP+-MS-C Datasheet
375Kb / 10P
F5-UPG-SFP-MS F5 Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
F5-UPG-SFP+-R-C ATGBICS-F5-UPG-SFP+-R-C Datasheet
375Kb / 10P
F5-UPG-SFP-R F5 Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
F5-UPG-SFPC-R-C ATGBICS-F5-UPG-SFPC-R-C Datasheet
185Kb / 7P
F5-UPG-SFPC-R F5 Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
F5-UPG-SFPLX-R-C ATGBICS-F5-UPG-SFPLX-R-C Datasheet
322Kb / 9P
F5-UPG-SFPLX-R F5 Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
RX-550M-SFP-C ATGBICS-RX-550M-SFP-C Datasheet
293Kb / 8P
RX-550M-SFP Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-1G-SX-C ATGBICS-SFP-1G-SX-C Datasheet
293Kb / 8P
SFP-1G-SX Arista Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-850NM-1000BASE-SX-C ATGBICS-SFP-850NM-1000BASE-SX-C Datasheet
294Kb / 8P
SFP-850nm-1000BASE-SX Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-C ATGBICS-SFP-GE-SX-C Datasheet
293Kb / 8P
SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-SX-C ATGBICS-SFP-SX-C Datasheet
293Kb / 8P
SFP-SX Napatech Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com