Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5-UPG-SFP-R-C Datasheet(PDF) 2 Page - ATGBICS by Approved Technology

Part # F5-UPG-SFP-R-C
Description  F5-UPG-SFP-R F5 Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

F5-UPG-SFP-R-C Datasheet(HTML) 2 Page - ATGBICS by Approved Technology

  F5-UPG-SFP-R-C Datasheet HTML 1Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 2Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 3Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 4Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 5Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 6Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 7Page - ATGBICS by Approved Technology F5-UPG-SFP-R-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ F5-UPG-SFP-R-C_V1
Page 2 of 8
Product Datasheet
Recommended Operating Environment:
Parameter
Symbol
Min.
Typical
Max.
Unit
Operating Temperature
0
+70
°C
Supply Voltage
VCC
3.135
3.465
V
Supply Current
Icc
300
mA
Inrush Current
Isurge
Icc+30
mA
Maximum Power
Pmax
1
W
Electrical Characteristics (TOP = -40 to 85°C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter Section:
Input differential impedance
Rin
90
100
110
Single ended data input swing
Vin PP
250
1200
mVp-p
Transmit Disable Voltage
VD
Vcc –
1.3
Vcc
V
2
Transmit Enable Voltage
VEN
Vee
Vee+
0.8
V
Transmit Disable Assert Time
Tdessert
10
us
Receiver Section:
Single ended data output
swing
Vout,p
p
250
800
mv
3
LOS Fault
Vlosfault
Vcc –
0.5
VCC_host
V
5
LOS Normal
Vlos norm
Vee
Vee+0.5
V
5
Power Supply Rejection
PSR
100
mVpp
6
Notes:
1. AC coupled.
2. Or open circuit.
3. Into 100-ohm differential termination.
4. 20 – 80 %
5. LOS is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
6. All transceiver specifications are compliant with a power supply sinusoidal modulation of 20 Hz to
1.5MHz up to specified value applied through the power supply filtering network shown on page 23
of the Small Form-factor Pluggable (SFP) Transceiver Multi-Source Agreement (MSA), September
14, 2000.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com