Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSWM2STK-C Datasheet(PDF) 3 Page - ATGBICS by Approved Technology

Part # LSWM2STK-C
Description  LSWM2STK H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

LSWM2STK-C Datasheet(HTML) 3 Page - ATGBICS by Approved Technology

  LSWM2STK-C Datasheet HTML 1Page - ATGBICS by Approved Technology LSWM2STK-C Datasheet HTML 2Page - ATGBICS by Approved Technology LSWM2STK-C Datasheet HTML 3Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ LSWM2STK-C_V1
Page 3 of 3
Product Datasheet
Physical Data
Parameter
Description
30AWG
24AWG
Units
Cable Diameter
OD
4.5
6.5
mm
Bend Radius
Minimum Sustained
Bend
25
35
mm
AWG Information
Reach @ 10Gb/s (m)
AWG
0.5
30
1
30
3
30
5
24
7
24
10
24
Mechanical Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com