Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSWM2STK-C Datasheet(PDF) 2 Page - ATGBICS by Approved Technology

Part # LSWM2STK-C
Description  LSWM2STK H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

LSWM2STK-C Datasheet(HTML) 2 Page - ATGBICS by Approved Technology

  LSWM2STK-C Datasheet HTML 1Page - ATGBICS by Approved Technology LSWM2STK-C Datasheet HTML 2Page - ATGBICS by Approved Technology LSWM2STK-C Datasheet HTML 3Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ LSWM2STK-C_V1
Page 2 of 3
Product Datasheet
Recommended Operating Environment:
Parameter
Symbol
Min
Typical
Max
Unit
Storage Ambient Temperature
-40
+85
°
C
Operating Case Temperature
Tc
0
+70
°
C
Power Supply Voltage
VCC
3
3.14
3.3
3.47
V
Power Dissipation
PD
0.5
W
Systems
Performance
Media
10.5 Gpbs line speed, full duplex
Bit error rate: better than 10E-12
Hot-pluggable, industry-standard Small Form-Factor
Specifications (Tested under recommended operating conditions, unless otherwise noted)
Parameter
Symbol
Min
Type
Max
Units
Notes
Electrical Characteristics
Supply Current
Icc
-
-
100
mA
1
Transmitter Differential
Input Voltage (PECL)
VIN
250
-
1200
mVpp
Receiver Differential
Output Voltage (PECL)
VO
185
-
1000
mVpp
Impedance
Zcable
90
100
110
Ohms
MOD-DEF1, 2
VIH
2.0
-
Vcc
V
Note:
1. The supply current includes SFP Module’s supply current and test board working current.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com