Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-10G-SR-RGD-C Datasheet(PDF) 8 Page - ATGBICS by Approved Technology

Part # SFP-10G-SR-RGD-C
Description  SFP-10G-SR-RGD Cisco Compatible Transceiver SFP 10GBase-SR/SW and OTU2e (850nm, MMF, 300m, DOM, Ind Temp)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

SFP-10G-SR-RGD-C Datasheet(HTML) 8 Page - ATGBICS by Approved Technology

Back Button SFP-10G-SR-RGD-C Datasheet HTML 2Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 3Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 4Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 5Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 6Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 7Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 8Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 9Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 10Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ SFP-10G-SR-RGD-C _V1
Page 8 of 10
Product Datasheet
96-127
32
Readable
OEM specific date, read only
128-255
128
Reserved
Reserved for SFF-8079
Digital Diagnostic Monitor Characteristics
Data
Address
Parameter
Accuracy
Unit
96-97
Transceiver Internal Temperature
±3.0
°C
98-99
VCC3 Internal Supply Voltage
±3.0
%
100-101
Laser Bias Current
±10
%
102-103
Tx Output Power
±3.0
dBm
104-105
Rx Input Power
±3.0
dBm
Regulatory Compliance
The SFP-10G-SR-I
-C complies with international Electromagnetic Compatibility (EMC) and
international safety requirements and standards (see details in Table following).
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class 1(>1000 V)
Electrostatic
Discharge
(ESD)
to
the
Duplex
LC
Receptacle
IEC 61000-4-2
GR-1089-CORE
Compatible with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compatible with standards
Laser Eye Safety
FDA
21CFR
1040.10
and
1040.11
EN60950, EN (IEC) 60825-1,2
Compatible with Class 1 laser
product.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com