Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-10G-SR-RGD-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # SFP-10G-SR-RGD-C
Description  SFP-10G-SR-RGD Cisco Compatible Transceiver SFP 10GBase-SR/SW and OTU2e (850nm, MMF, 300m, DOM, Ind Temp)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

SFP-10G-SR-RGD-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  SFP-10G-SR-RGD-C Datasheet HTML 1Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 2Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 3Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 4Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 5Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 6Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 7Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 8Page - ATGBICS by Approved Technology SFP-10G-SR-RGD-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ SFP-10G-SR-RGD-C _V1
Page 1 of 10
Product Datasheet
SFP-10G-SR-RGD-C
Cisco® Compatible 10Gb/s SFP+ SR Transceiver
Hot Pluggable, Duplex LC, +3.3V, 850nm, VCSEL MMF 300M DOM, Industrial
Temperature -40 ~ 85°C
FEATURES
• Supports 9.95 to 11.3Gb/s bit rates
• Hot-Pluggable
• Duplex LC connector
• 850nm VCSEL transmitter, PIN photo-detector
• MMF links up to 300m
• 2-wire interface for management specifications compliant with SFF 8472 digital diagnostic
monitoring interface
• Power Supply: +3.3V
• Power consumption<1W
• Temperature Range: -40 ~ 85°C
• RoHS compliant
APPLICATIONS
• 10GBASE-SR/SW Ethernet
• SONET OC-192 / SDH
• 10G Fibre Channel
DESCRIPTION
SFP-10G-SR-RGD-C is a very compact 10Gb/s optical transceiver module for serial optical communication
applications at 10Gb/s. The SFP-10G-SR-RGD-C converts a 10Gb/s serial electrical data stream to 10Gb/s
optical output signal and a 10Gb/s optical input signal to 10Gb/s serial electrical data streams. The high
speed 10Gb/s electrical interface is fully compliant with SFI specification.
The high performance 850nm VCSEL transmitter and high sensitivity PIN receiver provide superior
performance for Ethernet applications at up to 300m links.
The SFP+ Module compliant with SFF-8431, SFF-8432 and IEEE 802.3ae 10GBASE-SR. Digital diagnostics
functions are available via a 2-wire serial interface, as specified in SFF-8472.
The fully SFP compliant form factor provides hot pluggability, easy optical port upgrades and low EMI
emission.


Similar Part No. - SFP-10G-SR-RGD-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-10G-SR-C ATGBICS-SFP-10G-SR-C Datasheet
364Kb / 10P
SFP-10G-SR Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-I-C ATGBICS-SFP-10G-SR-I-C Datasheet
378Kb / 10P
SFP-10G-SR-I Cisco Compatible Transceiver SFP 10GBase-SR/SW and OTU2e (850nm, MMF, 300m, DOM, Ind Temp)
SFP-10G-SR-MSA-AT ATGBICS-SFP-10G-SR-MSA-AT Datasheet
455Kb / 11P
Universally Coded MSA Compliant 10GBase-SR SFP Transceiver
SFP-10G-SR-S-C ATGBICS-SFP-10G-SR-S-C Datasheet
375Kb / 10P
SFP-10G-SR-S Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-X-C ATGBICS-SFP-10G-SR-X-C Datasheet
377Kb / 10P
SFP-10G-SR-X Cisco Compatible Transceiver SFP 10GBase-SR/SW and OTU2e (850nm, MMF, 300m, DOM, Ext Temp)
More results

Similar Description - SFP-10G-SR-RGD-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
10G-SFP-SR-C ATGBICS-10G-SFP-SR-C Datasheet
375Kb / 10P
10G-SFP-SR Myricom Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
FET-10G-C ATGBICS-FET-10G-C Datasheet
375Kb / 10P
FET-10G Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
MA-SFP-10G-SR-C ATGBICS-MA-SFP-10G-SR-C Datasheet
375Kb / 10P
MA-SFP-10G-SR Cisco Meraki Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
ONS-SC+-10G-SR-C ATGBICS-ONS-SC+-10G-SR-C Datasheet
375Kb / 10P
ONS-SC-10G-SR Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-GIG-SR-C ATGBICS-SFP-10G-GIG-SR-C Datasheet
375Kb / 10P
SFP-10G-GIG-SR Alcatel Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-C ATGBICS-SFP-10G-SR-C Datasheet
364Kb / 10P
SFP-10G-SR Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-I-C ATGBICS-SFP-10G-SR-I-C Datasheet
378Kb / 10P
SFP-10G-SR-I Cisco Compatible Transceiver SFP 10GBase-SR/SW and OTU2e (850nm, MMF, 300m, DOM, Ind Temp)
SFP-10G-SR-S-C ATGBICS-SFP-10G-SR-S-C Datasheet
375Kb / 10P
SFP-10G-SR-S Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-X-C ATGBICS-SFP-10G-SR-X-C Datasheet
377Kb / 10P
SFP-10G-SR-X Cisco Compatible Transceiver SFP 10GBase-SR/SW and OTU2e (850nm, MMF, 300m, DOM, Ext Temp)
VIP-SFP+-10GE-SR-C ATGBICS-VIP-SFP+-10GE-SR-C Datasheet
375Kb / 10P
VIP-SFP-10GE-SR Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com