Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1K Datasheet(PDF) 13 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 13 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 9Page - Altera Corporation ACEX1K Datasheet HTML 10Page - Altera Corporation ACEX1K Datasheet HTML 11Page - Altera Corporation ACEX1K Datasheet HTML 12Page - Altera Corporation ACEX1K Datasheet HTML 13Page - Altera Corporation ACEX1K Datasheet HTML 14Page - Altera Corporation ACEX1K Datasheet HTML 15Page - Altera Corporation ACEX1K Datasheet HTML 16Page - Altera Corporation ACEX1K Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
Altera Corporation
13
ACEX 1K Programmable Logic Device Family Data Sheet
13
If necessary, all EABs in a device can be cascaded to form a single RAM
block. EABs can be cascaded to form RAM blocks of up to 2,048 words
without impacting timing. Altera software automatically combines EABs
to meet a designer’s RAM specifications.
EABs provide flexible options for driving and controlling clock signals.
Different clocks and clock enables can be used for reading and writing to
the EAB. Registers can be independently inserted on the data input, EAB
output, write address, write enable signals, read address, and read enable
signals. The global signals and the EAB local interconnect can drive
write-enable, read-enable, and clock-enable signals. The global signals,
dedicated clock pins, and EAB local interconnect can drive the EAB clock
signals. Because the LEs drive the EAB local interconnect, the LEs can
control write-enable, read-enable, clear, clock, and clock-enable signals.
An EAB is fed by a row interconnect and can drive out to row and column
interconnects. Each EAB output can drive up to two row channels and up
to two column channels; the unused row channel can be driven by other
LEs. This feature increases the routing resources available for EAB
outputs (see Figures 2 and 4). The column interconnect, which is adjacent
to the EAB, has twice as many channels as other columns in the device.
Logic Array Block
An LAB consists of eight LEs, their associated carry and cascade chains,
LAB control signals, and the LAB local interconnect. The LAB provides
the coarse-grained structure to the ACEX 1K architecture, facilitating
efficient routing with optimum device utilization and high performance.
Figure 7 shows the ACEX 1K LAB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com