Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1K Datasheet(PDF) 2 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 2 Page - Altera Corporation

  ACEX1K Datasheet HTML 1Page - Altera Corporation ACEX1K Datasheet HTML 2Page - Altera Corporation ACEX1K Datasheet HTML 3Page - Altera Corporation ACEX1K Datasheet HTML 4Page - Altera Corporation ACEX1K Datasheet HTML 5Page - Altera Corporation ACEX1K Datasheet HTML 6Page - Altera Corporation ACEX1K Datasheet HTML 7Page - Altera Corporation ACEX1K Datasheet HTML 8Page - Altera Corporation ACEX1K Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
2
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
...and More
Features
–
-1 speed grade devices are compliant with PCI Local Bus
Specification, Revision 2.2
for 5.0-V operation
–
Built-in Joint Test Action Group (JTAG) boundary-scan test
(BST) circuitry compliant with IEEE Std. 1149.1-1990, available
without consuming additional device logic.
–
Operate with a 2.5-V internal supply voltage
–
In-circuit reconfigurability (ICR) via external configuration
devices, intelligent controller, or JTAG port
–
ClockLockTM and ClockBoostTM options for reduced clock delay,
clock skew, and clock multiplication
–
Built-in, low-skew clock distribution trees
–
100% functional testing of all devices; test vectors or scan chains
are not required
–
Pull-up on I/O pins before and during configuration
I
Flexible interconnect
–
FastTrack® Interconnect continuous routing structure for fast,
predictable interconnect delays
–
Dedicated carry chain that implements arithmetic functions such
as fast adders, counters, and comparators (automatically used by
software tools and megafunctions)
–
Dedicated cascade chain that implements high-speed,
high-fan-in logic functions (automatically used by software tools
and megafunctions)
–
Tri-state emulation that implements internal tri-state buses
–
Up to six global clock signals and four global clear signals
I
Powerful I/O pins
–
Individual tri-state output enable control for each pin
–
Open-drain option on each I/O pin
–
Programmable output slew-rate control to reduce switching
noise
–
Clamp to VCCIO user-selectable on a pin-by-pin basis
–
Supports hot-socketing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com