Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X4DACBL3-C Datasheet(PDF) 3 Page - ATGBICS by Approved Technology

Part # X4DACBL3-C
Description  X4DACBL3 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

X4DACBL3-C Datasheet(HTML) 3 Page - ATGBICS by Approved Technology

  X4DACBL3-C Datasheet HTML 1Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 2Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 3Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 4Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 5Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 6Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 7Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_X4DACBL3-C_V1 Page 3 of 8
Product Datasheet
QSFP+ Pin Function Definition
Pin
Logic
Symbol
Description
1
GND
Ground
2
CML-I
Tx2n
Transmitter Inverted Data Input
3
CML-I
Tx2p
Transmitter Non-Inverted Data Input
4
GND
Ground
5
CML-I
Tx4n
Transmitter Inverted Data Input
6
CML-I
Tx4p
Transmitter Non-Inverted Data Input
7
GND
Ground
8
LVTTL-I
ModSelL
Module Select
9
LVTTL-I
ResetL
Module Reset
10
Vcc Rx
+3.3V Power Supply Receiver
11
LVCMOS-
I/O
SCL
2-wire serial interface clock
12
LVCMOS-
I/O
SDA
2-wire serial interface data
13
GND
Ground
14
CML-O
Rx3p
Receiver Non-Inverted Data Output
15
CML-O
Rx3n
Receiver Inverted Data Output
16
GND
Ground
17
CML-O
Rx1p
Receiver Non-Inverted Data Output
18
CML-O
Rx1n
Receiver Inverted Data Output
19
GND
Ground
20
GND
Ground
21
CML-O
Rx2n
Receiver Inverted Data Output
22
CML-O
Rx2p
Receiver Non-Inverted Data Output
23
GND
Ground
24
CML-O
Rx4n
Receiver Inverted Data Output
25
CML-O
Rx4p
Receiver Non-Inverted Data Output
26
GND
Ground
27
LVTTL-O
ModPrsL
Module Present
28
LVTTL-O
IntL
Interrupt
29
Vcc Tx
+3.3V Power supply transmitter
30
Vcc1
+3.3V Power supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com