Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X4DACBL3-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # X4DACBL3-C
Description  X4DACBL3 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

X4DACBL3-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  X4DACBL3-C Datasheet HTML 1Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 2Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 3Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 4Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 5Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 6Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 7Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_X4DACBL3-C_V1 Page 1 of 8
Product Datasheet
X4DACBL3-C
Intel® Compatible 40Gb/s 4SFP+ Direct Attach Cable
Copper, Passive, 3m
FEATURES
• Compliant with SFF- 8436, SFF-8431, SFF-8432 and SFF-8472
• Up to 10. 3125Gbps data rate per channel
• Up to 7m transmission
• Operating temperature: 0℃ to +70℃
• Single 3.3V power supply
• RoHS compliant
• Cost-effective copper solution
• Lowest total system power solution
• Lowest total system EMI solution
• Optimized design for Signal Integrity
APPLICATIONS
Data
• Servers
• Networked storage systems
• Routers
• External storage systems
• Data Center networking
Communications
• Switches
• Routers
INDUSTRIAL STANDARDS
• InfiniBand Trade Association (IBTA)
• IEEE802.3ba
• 40Gigabit Ethernet (40G BASE – CR4)


Similar Part No. - X4DACBL3-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
X4DACBL1-C ATGBICS-X4DACBL1-C Datasheet
341Kb / 8P
X4DACBL1 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (1m, Passive)
X4DACBL2-C ATGBICS-X4DACBL2-C Datasheet
341Kb / 8P
X4DACBL2 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (2m, Passive)
X4DACBL5-C ATGBICS-X4DACBL5-C Datasheet
341Kb / 8P
X4DACBL5 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (5m, Passive)
X4DACBL50-C ATGBICS-X4DACBL50-C Datasheet
341Kb / 8P
X4DACBL50 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (0.5m, Passive)
X4DACBL7-C ATGBICS-X4DACBL7-C Datasheet
341Kb / 8P
X4DACBL7 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (7m, Passive)
More results

Similar Description - X4DACBL3-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
10321-C ATGBICS-10321-C Datasheet
341Kb / 8P
10321 Extreme Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
F5-UPG-QSFP+-3M-C ATGBICS-F5-UPG-QSFP+-3M-C Datasheet
342Kb / 8P
F5-UPG-QSFP-3M F5 Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
LSWM1QSTK4-C ATGBICS-LSWM1QSTK4-C Datasheet
341Kb / 8P
LSWM1QSTK4 H3C Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
QFX-QSFP-DACBO-3M-C ATGBICS-QFX-QSFP-DACBO-3M-C Datasheet
342Kb / 8P
QFX-QSFP-DACBO-3M Juniper Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
QSFP-4X10G-C3M-C ATGBICS-QSFP-4X10G-C3M-C Datasheet
342Kb / 8P
QSFP-4X10G-C3M Alcatel-Lucent Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
X4DACBL1-C ATGBICS-X4DACBL1-C Datasheet
341Kb / 8P
X4DACBL1 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (1m, Passive)
X4DACBL2-C ATGBICS-X4DACBL2-C Datasheet
341Kb / 8P
X4DACBL2 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (2m, Passive)
X4DACBL5-C ATGBICS-X4DACBL5-C Datasheet
341Kb / 8P
X4DACBL5 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (5m, Passive)
X4DACBL50-C ATGBICS-X4DACBL50-C Datasheet
341Kb / 8P
X4DACBL50 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (0.5m, Passive)
X4DACBL7-C ATGBICS-X4DACBL7-C Datasheet
341Kb / 8P
X4DACBL7 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (7m, Passive)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com