Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D.FL75-R-SMT-140 Datasheet(PDF) 5 Page - Hirose Electric

Part # D.FL75-R-SMT-140
Description  75Ω Micro Coaxial Connector Supporting 12G-SDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

D.FL75-R-SMT-140 Datasheet(HTML) 5 Page - Hirose Electric

  D.FL75-R-SMT-140 Datasheet HTML 1Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 2Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 3Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 4Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 5Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 6Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 7Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
D.FL75 Series●75Ω Micro Coaxial Connector Supporting 12G-SDI
BUsage Precautions
 1. Plugs
(1) Mating/Unmating
1. To disconnect the connector, insert the extraction tool (D.FL75-LP-N) under the
connector flange. Pull in a perpendicular direction in line with the connector's mating axis.
Do not unmate the plug by pulling on the cable, this can damage the connector
performance.
2. When mating, align the mating axes between the receptacle and cable assembly, and
insert the cable assembly downward and perpendicular into the receptacle.
Do not insert the cable assembly at a slanted angle.
(2) Tolerable load to a cable
after mating
Once the connector has been mated do not apply forces exceeding the values in the
diagram below.
(3) Precautions
Do not use excessive prying form to mate or un-mate the connectors as it may lead to damage.
 2. Receptacles
(1) Recommended reflow
temperature profile
(reference)
1. The temperatures indicated are the surface temperatures of the printed circuit board
near the terminal contact points.
2. Reflow soldering should be performed on the surface of the printed circuit board at a
max temperature of 250
℃ or less.
3. Temperature profile may vary due to external mounting conditions such as solder
paste, manufacturer, PCB size and other soldering materials.
(2) Recommended metal mask
thickness
0.1mm-0.12mm
(3) Reflow cycles
Maximum of 2 cycles
 3. Operating Environment and Storage Conditions
(1) Operation environment
This product was designed assuming use in a normal environment. Please be advised
that using this product in the environments described below may result in discoloration
and other types of degradation.
・Exposure to excessive amounts of fine particles and dust.
・Regions/ areas with a high concentration of gases like sulfur dioxide, hydrogen sulfide
and nitrogen dioxide.
・Areas with drastic temperature change, such as locations near a heater.
(2) Storage conditions
Store this product in Hirose's packaging or similar conditions.
Temperature : -10 to +40
℃ Humidity : 85% or less (recommended storage conditions)
We recommend the product be used within six months from delivery.
Products that have been stored beyond the recommended storage period need to be
tested for mounting and solderability before use.
3.9N max.
1N max.
1N max.
D.FL75-R-SMT-1
D.FL75-LP(P)-084
Lead-free paste solder temperature profile (reference)
260
240
220
200
180
160
140
120
100
80
0
130
℃
180
℃
230
℃
below 250
℃
less than 10 seconds
less than
120 seconds
less than 50 sec.
less than 60 sec.
Soldering time
Time (sec.)
Preheating time
220
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com