Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D.FL75-R-SMT-140 Datasheet(PDF) 8 Page - Hirose Electric

Part # D.FL75-R-SMT-140
Description  75Ω Micro Coaxial Connector Supporting 12G-SDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

D.FL75-R-SMT-140 Datasheet(HTML) 8 Page - Hirose Electric

  D.FL75-R-SMT-140 Datasheet HTML 1Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 2Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 3Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 4Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 5Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 6Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 7Page - Hirose Electric D.FL75-R-SMT-140 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
D.FL75 Series●75Ω Micro Coaxial Connector Supporting 12G-SDI
Part No.
HRS No.
Panel mount
Minimum PCB
mount pitch
Mass (g)
BNC(75)-PR(6)-PC-12G
302-0086-0
Screw : M2×0.4
16mm
9.65/pc
Part No.
HRS No.
Applicable cable
Mass (g)
BNC(75)-P-5.5C-12G
302-0091-0
5.5C-UHD/FW
11.65/pc
BNC(75)-P-3.3C-12G
302-0092-0
3.3C-UHD/FW
11.6/pc
BPlug assembly High-frequency characteristics
1000
BReceptacle High-frequency characteristics
50
■Straight receptacle
●Center contact THR type, 16mm minimum PCB mount pitch
15.2
15.1
15
6
3.4
2
×M2×0.4
■Plug
●Straight crimp type
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 11/2020. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com