Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA15F Datasheet(PDF) 14 Page - COSEL CO., LTD.

Part # PLA15F
Description  AC-DC Power Supplies Enclosed Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PLA15F Datasheet(HTML) 14 Page - COSEL CO., LTD.

Back Button PLA15F Datasheet HTML 6Page - COSEL CO., LTD. PLA15F Datasheet HTML 7Page - COSEL CO., LTD. PLA15F Datasheet HTML 8Page - COSEL CO., LTD. PLA15F Datasheet HTML 9Page - COSEL CO., LTD. PLA15F Datasheet HTML 10Page - COSEL CO., LTD. PLA15F Datasheet HTML 11Page - COSEL CO., LTD. PLA15F Datasheet HTML 12Page - COSEL CO., LTD. PLA15F Datasheet HTML 13Page - COSEL CO., LTD. PLA15F Datasheet HTML 14Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
PLA-15
PLA600F
Features
*1 This is the result of measurement of the testing board with capacitors of
22mF and 0.1mF placed at 150 mm from the output terminals by a 20
MHz oscilloscope or a ripple-noise meter equivalent to Keisoku-Giken
RM103.
See 1.6 of Instruction Manual for more details.
*2 Drift is the change in DC output for an eight hour period after a half-hour
warm-up at 25C.
*3 The RC terminal is added to option –R models. The RC terminal is
isolated from input, output, and FG.
*4 As for DC input, consult us for advice.
*5 Output power derating is required. See 3.2 in Instruction Manual.
*6 See 3.3 in Instruction Manual for more details.
*7 Consult us about safety agency approvals for the models with optional functions.
*8 Consult us about dynamic load and input response.
External view
Block diagram
FAN
External source
AC IN 85 - 264V
FG
RECTIFIER
OVER VOLTAGE
PROTECTION
THERMAL
PROTECTION
DETECTING
OUTPUT VOLTAGE
PARALLEL-OPERATION
CIRCUIT
CURRENT
SENSING
NOISE
FILTER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
DC OUT
LV alarm (-W)
Current balance (-W)
RC (-R)
FUSE
250V 16A
INVERTER
CONTROL
CONTROL
CONTROL
CONTROL
INVERTER
CURRENT
SENSING
RECTIFIER
AND
FILTER
BOOSTER
INDUCTOR
The external size of –V option, –W option, –R option, and –T2 option is different from the standard model. See “5. Options and Others”
in Instruction Manual for more details.
*9 The fan speed slows down at no load.
*10 Consult us about other classes.
*
Do not use the power supply in overcurrent conditions or in unspecified
input voltage ranges. Otherwise the internal components may be damaged.
*
Parallel operation is allowed for PLA600F models with the –W option only.
*
Sound noise may be heard from the power supply when used for pulse load.
OTHERS
CASE SIZE/WEIGHT
120X61X215mm [4.72X2.40X8.46 inches] (Excluding terminal block and screw) (WXHXD) / 2.0kg max
COOLING METHOD
*9
Forced cooling (internal fan)
WARRANTY WARRANTY
*6
5 years (subject to the operating conditions)
SPECIFICATIONS
(+V,-V)
Mounting Hole
LED
M4
AIR FLOW
4-M4
Name plate
4-M4
FG( )
(AC,FG)
M3.5
AC(L)
AC(N)
150±0.5
35
150±0.5
21max
3max
215
35
15.5±1.5
[0.61]
[0.83max]
[1.38]
[5.91]
[8.46]
[0.12max]
[1.38]
[5.91]
¶ Tolerance : ±1 [±0.04]
¶ Weight : 2.0kg max
¶ PCB Material/thickness : FR-4 / 1.6mm [0.06inches]
¶ Chassis material : Electric galvanizing steel board
¶ Case material : Electric galvanizing steel board
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque : 1.5N-m max
¶ Screw tightening torque : M3.5 0.8N-m max
M4
1.6N-m max
¶ Connect the input FG to safety earth ground.
Mounting Hole
(Bottom sides)
Output
terminal cover
Output terminal (-)
Output terminal (+)
Output voltage
adjustable potentiometer
15.8±1.5 (LED)
12.1±1.5 (potentiometer)
16.6±1.5
26.6±1.5
[0.62]
[1.05]
[0.65]
[0.48]
- Cost-effective
- Longer life (see Instruction Manual)
- Low profile (meets 2U height = 61 mm or 2.40 inches)
- Wide operating temperature range (-20 to +70 see
instruction manual)
- Screw hold type terminal block
- Slow fan speed at no load
- Many optional functions
- Complies with SEMI F-47 (-U option, see Instruction
Manual for details)
April 17, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com