Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA15F Datasheet(PDF) 5 Page - COSEL CO., LTD.

Part # PLA15F
Description  AC-DC Power Supplies Enclosed Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PLA15F Datasheet(HTML) 5 Page - COSEL CO., LTD.

  PLA15F Datasheet HTML 1Page - COSEL CO., LTD. PLA15F Datasheet HTML 2Page - COSEL CO., LTD. PLA15F Datasheet HTML 3Page - COSEL CO., LTD. PLA15F Datasheet HTML 4Page - COSEL CO., LTD. PLA15F Datasheet HTML 5Page - COSEL CO., LTD. PLA15F Datasheet HTML 6Page - COSEL CO., LTD. PLA15F Datasheet HTML 7Page - COSEL CO., LTD. PLA15F Datasheet HTML 8Page - COSEL CO., LTD. PLA15F Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PLA-6
PLA50F
AC-DC Power Supplies Enclosed Type
PL
A
50
F
-O
-O
Ordering information
1Series name
2Single output
3Output wattage
4Universal input
5Output voltage
6Optional *7
C : with Coating
J : Connector interface
T : Vertical terminal block
-NO : with DIN rail
R
1
2
3
4
5
6
Example recommended EMI/EMC filter
NAC-04-472
SPECIFICATIONS
MODEL
PLA50F-5
PLA50F-12
PLA50F-15
PLA50F-24
INPUT
VOLTAGE[V]
AC85 - 264 1f (Output derating is required at AC85V - 115V. See 1.1 and 3.2 in Instruction Manual) *3
CURRENT[A]
ACIN 100V 0.6typ (Io=90%)
0.7typ (Io=90%)
ACIN 115V 0.6typ (Io=100%)
0.7typ (Io=100%)
ACIN 230V 0.3typ (Io=100%)
0.4typ (Io=100%)
FREQUENCY[Hz]
50 / 60 (47 - 63)
EFFICIENCY[%]
ACIN 100V 74.5typ (Io=90%)
80.0typ (Io=90%)
80.0typ (Io=90%)
81.5typ (Io=90%)
ACIN 115V 75.0typ (Io=100%)
80.5typ (Io=100%)
80.5typ (Io=100%)
82.0typ (Io=100%)
ACIN 230V 76.5typ (Io=100%)
82.0typ (Io=100%)
82.0typ (Io=100%)
84.0typ (Io=100%)
POWER FACTOR
ACIN 100V 0.97typ (Io=90%)
0.98typ (Io=90%)
ACIN 115V 0.97typ (Io=100%)
0.98typ (Io=100%)
ACIN 230V 0.85typ (Io=100%)
0.87typ (Io=100%)
INRUSH CURRENT[A]
ACIN 100V 16typ (Io=90%) Ta=25C at cold start
ACIN 115V 16typ (Io=100%) Ta=25C at cold start
ACIN 230V 32typ (Io=100%) Ta=25C at cold start
LEAKAGE CURRENT[mA]
0.75max (ACIN 115V / 240V, 60Hz, Io=100%, According to IEC60950-1 and DEN-AN)
OUTPUT
VOLTAGE[V]
5
12
15
24
CURRENT[A]
8
4.3
3.5
2.2
WATTAGE[W]
ACIN 85-115V Output derating is required at ACIN 115V or less (refer to instruction manual 3.2)
ACIN 115V-264V 40.0
51.6
52.5
52.8
LINE REGULATION[mV]
*4
20max
48max
60max
96max
LOAD REGULATION[mV]
*4
40max
100max
120max
150max
RIPPLE[mVp-p]
*1
0 to +45C 80max
120max
120max
120max
-10 to 0C 140max
160max
160max
160max
RIPPLE NOISE[mVp-p] *1
0 to +45C 120max
150max
150max
150max
-10 to 0C 160max
180max
180max
180max
TEMPERATURE REGULATION[mV]
0 to +45C 50max
120max
150max
240max
-10 to +45C 60max
150max
180max
290max
DRIFT[mV]
*2
20max
48max
60max
96max
START-UP TIME[ms]
350typ (ACIN 115V, Io=100%)
HOLD-UP TIME[ms]
20typ (ACIN 115V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 4.50 to 5.50
10.80 to 13.20
13.50 to 16.50
21.60 to 26.40
OUTPUT VOLTAGE SETTING[V]
5.00 to 5.15
12.00 to 12.48
15.00 to 15.60
24.00 to 24.96
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION[V] 5.75 to 7.00
13.80 to 16.80
17.25 to 21.00
27.60 to 33.60
OPERATING INDICATION
LED (Green)
REMOTE SENSING
Not provided
REMOTE ON/OFF
Not provided
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At room temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At room temperature)
OUTPUT-FG
AC500V 1minute, Cutoff current = 25mA, DC500V 50MW min (At room temperature)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE *5 -20 to +70C, 20 - 90%RH (Non condensing), 3,000m (10,000 feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75C, 20 - 90%RH (Non condensing), 9,000m (30,000 feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axes
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axes
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, C-UL (CSA60950-1), EN60950-1, EN50178, UL508 (Except option -J) Complies with DEN-AN
CONDUCTED NOISE
Complies with FCC-B, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
HARMONIC ATTENUATOR *8 Complies with IEC61000-3-2 class A
*Make sure necessary tests will be carried out on your end equipment with the power supply installed in accordance with any required EMC/EMI regulations.
*A higher current rating EMI/EMC filter
may be recommended in view of the
other devices that could be connected
in parallel with the power supply.
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
See 5.1 in Instruction Manual.
April 17, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com