Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA611-RDI-01 Datasheet(PDF) 2 Page - Knowles Electronics

Part # IA611-RDI-01
Description  IA611 Reference Design to develop VUI (Voice User Interface) for IoT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

IA611-RDI-01 Datasheet(HTML) 2 Page - Knowles Electronics

  IA611-RDI-01 Datasheet HTML 1Page - Knowles Electronics IA611-RDI-01 Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Knowles Confidential
knowles.com | IA611-RDI-01 Product Brief Rev 4
@2018; Knowles Electronics, LLC, Itasca, IL, USA, All Rights Reserved.,
Knowles and the trademarks of Knowles Electronics, LLC
Typical Applications
The IA611-RDI-01 reference design is ideal to facilitate adding a
voice enabled VUI or event detection into IoT products such as
home sensors, appliances, lifestyle control devices and security
systems.
Lighting Control: Controlling a light-bulb or smart electrical
controls with voice. Ultra low power consumption allows voice
control to fit into a small form factor.
Security System: Activating with a voice command or after
detecting an acoustic event (like glass breakage, smoke-alarm, or
a dog bark). Additionally, algorithms can detect anomalies in
sound, log direction of a noise source. A sensor with such audio
processing can then trigger an alarm or sent metadata to a hub for
logging and additional processing.
Remote Control: Controlling a TV using voice via a remote control
is a viable option and can include typical commands like - Turn
on/off TV power, change channel and navigate TV menu.
3rd-Party Algorithm Support
The IA611 is by nature an open DSP platform supporting up to
40MHz, 32-bit floating-point DSP. In addition to Knowles VoiceQ
voice wake/command, it can support 3rd-party audio/voice
algorithms such as Sensory voice wake/command, Audio Analytic
sound event detection. The Knowles Open DSP partner program
brings world-class algorithm partners to an ecosystem where a
multitude of solutions solve complex audio/voice problem. 3rd-
party algorithm support will continue to expand.
Additional Details
Hardware Support
• Simple connection to the Microchip SAM D21 Xplained Pro
Development Board.
• Integrated voltage level conversion for low power
operation.
Software Capability & Tools
• Integrated sample code with Atmel Studio 7 for the SAM D21
Xplained Pro Development Board.
• Multiple Keyword and Command options
• Simple programming tips available through sample projects
3rd-party Algorithm Support
• In addition to Knowles VoiceQ voice wake/command, the
following 3rd-party Algorithms are supported:
- Sensory THF (TrulyHandsFree
™) voice wake/command
- Audio Analytic
ai3™ sound event detection
• More 3rd-party algorithms support on the way.
Ordering Information
For more information, visit solutions.knowles.com.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com