Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA611-RDI-01 Datasheet(PDF) 1 Page - Knowles Electronics

Part # IA611-RDI-01
Description  IA611 Reference Design to develop VUI (Voice User Interface) for IoT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

IA611-RDI-01 Datasheet(HTML) 1 Page - Knowles Electronics

  IA611-RDI-01 Datasheet HTML 1Page - Knowles Electronics IA611-RDI-01 Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Knowles Confidential
knowles.com | IA611-RDI-01 Product Brief Rev 4
@2018; Knowles Electronics, LLC, Itasca, IL, USA, All Rights Reserved.,
Knowles and the trademarks of Knowles Electronics, LLC
IA611 Reference Design to develop
VUI (Voice User Interface) for IoT
The IA611-RDI-01 is a reference design based on
IA611 SmartMic for IoT applications. It enables ultra-
low power acoustic event detection, voice keyword
detection and voice commands to develop a voice UI.
To accelerate prototyping the SmartMic into an IoT
application, the IA611 has been integrated with the
Microchip SAM D21 Xplained Pro MCU board.
Ultra-Low Power Voice Wake and Event
Detection
The core of the reference design is the IA611 SmartMic designed
for ultra-low power in a digital mic package. IA611 supports
Knowles VoiceQ,
the world’s first “always listening” voice detector
capable to automatically adapt its performance to the acoustic
environment and enable voice wake keyword/ command. The
reference design also includes a second digital mic to improve
performance if required by the IoT application.
Highly Integrated, All-in-One Kit
Knowles intelligent mic solutions are integrated with several
leading MCU and AP suppliers. The kit supports a Microchip SAM
D21 Xplained PRO with full support via Atmel Studio 7. It allows
for rapid prototyping of IoT designs that use an MCU processor
that is already tested, optimized for BOM, and performance. A
downloadable extension provides sample code for a simple
application and required libraries to develop a VUI pre-integrated
with the SmartMic as a peripheral.
IA611 Details
Hardware Details
 IA611 SmartMic with 40MHz, 32-bit floating point DSP. It
has 168KB memory available for user applications.
 SPK0641HT4H-1 DMIC serves as 2nd mic for 2-ch voice input
capability. It is ideal to support 2-ch voice recognition
enhancing
algorithm
to
improve
the
detection
performance.
 Level Shifter is included in the hardware in case the MCU
does not support 1.8V interface.
 MCU is an optional part and a low cost MCU serves as host
to control IA611 SmartMic. IA611 firmware will be
downloaded from the MCU stored in the flash. Currently,
Microchip SAM D21 32-bit MCU is available.
DSP Core
Knowles HemiDelta Light
Audio Interfaces
DMIC and I2S/TDM
Control Interfaces
SPI, I2C, UART, available GPIOs.
Memory
168 KB (IA611)
System Requirements
1.8V
IA611-RDI-01 IA611 Xplained
Pro Development Kit


Similar Part No. - IA611-RDI-01

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
IA611 KNOWLES-IA611 Datasheet
280Kb / 2P
IA610 SMARTMIC ALWAYS-ON VOICEW
IA611 KNOWLES-IA611 Datasheet
3Mb / 37P
IA611 SmartMic Always On Voice Wake Audio Processor
Rev 1.2
IA611 KNOWLES-IA611_V01 Datasheet
3Mb / 37P
IA611 SmartMic Always On Voice Wake Audio Processor
Rev 1.2
More results

Similar Description - IA611-RDI-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77904C IDT-IDT77904C Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card (NIC)
IDT77914 IDT-IDT77914 Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card NIC
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
Reference Design for the
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
Intersil Corporation
ZLUSBREF01 INTERSIL-ZLUSBREF01 Datasheet
235Kb / 6P
USB to SMBus Reference Design
logo
Powerex Power Semicondu...
BP7B-LS POWEREX-BP7B-LS Datasheet
206Kb / 6P
BP7B ??L-Series IPM Interface Circuit Reference Design
logo
Silicon Laboratories
VOICE-RECORD-RD SILABS-VOICE-RECORD-RD Datasheet
573Kb / 10P
VOICE RECORDER REFERENCE DESIGN KIT USER?셎
logo
Infineon Technologies A...
UG-2020-19 INFINEON-UG-2020-19 Datasheet
2Mb / 31P
REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
logo
Knowles Electronics
IA611 KNOWLES-IA611_V01 Datasheet
3Mb / 37P
IA611 SmartMic Always On Voice Wake Audio Processor
Rev 1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com