Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLUSBREF01 Datasheet (PDF) - Intersil Corporation

ZLUSBREF01 Datasheet PDF - Intersil Corporation
Part # ZLUSBREF01
Download  ZLUSBREF01 Download
File Size   235.94 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description USB to SMBus Reference Design

ZLUSBREF01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLUSBREF01 Datasheet PDF - Intersil Corporation

Part # ZLUSBREF01
Download  ZLUSBREF01 Click to download

File Size   235.94 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description USB to SMBus Reference Design

ZLUSBREF01 Datasheet (HTML) - Intersil Corporation


ZLUSBREF01 Product details

Description
The USB to SMBusTM Interface board allows communication between a Zilker Labs Digital-DC™ evaluation board and a PC. This interface board has been designed to bridge PMBus commands from a PC application program to the SMBus. The PMBus command set is used to configure a Digital-DC device as well as monitor the power supply. PMBusTM commands are accessed using the Zilker Labs interface software from a PC running Microsoft Windows. Refer to AN13 – PMBus Command Set for more information on PMBus commands.

Features
• SMBus control via USB
• SMBus 2.0 and I2C 2.1 compatible
• PMBus compliant
• Self powered from USB
• Pre-installed firmware
• Provides SMBus reference rail

Applications
This board has been designed to operate for the following conditions:
• Interface to Digital-DC EVBs
• fSMBus = 100 kHz
• Temperature range: 0°C to +70°C




Similar Part No. - ZLUSBREF01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZLUSBEVAL3Z INTERSIL-ZLUSBEVAL3Z Datasheet
231Kb / 3P
USB to PMBus Adapter and Cable
September 29, 2014
More results


Similar Description - ZLUSBREF01

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
85 to 265 VAC Input, 15W Output USB Reference Design Board
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
Silicon Laboratories
AN282 SILABS-AN282 Datasheet
881Kb / 22P
USB MASS STORAGE DEVICE REFERENCE DESIGN PROGRAMMERS GUIDE
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
Silicon Laboratories
AN496 SILABS-AN496 Datasheet
170Kb / 36P
HID USB-TO-SMBUS API SPECIFICATION
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com