Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLUSBREF01 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ZLUSBREF01
Description  USB to SMBus Reference Design
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZLUSBREF01 Datasheet(HTML) 3 Page - Intersil Corporation

  ZLUSBREF01 Datasheet HTML 1Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 2Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 3Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 4Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 5Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZLUSBREF01
ZLUSBREF01DSR1_0
3
Bill of Materials
Item Quan Reference
Value
Tol
Rating
Type
PCB Footprint
Manufacturer
Part Number
1
11
C1,C2,C3,C4,C5,C7,
C8,C9,C10,C11
100n
10%
10V
X7R
SM0603
KEMET
C0603C104K8RACTU
2
2
C6,C13
10u
20%
6.3V
SM0603
PANASONIC-ECG
ECJ-1VB0J106M
3
2
C12,C19
10n
10%
25V
X7R
SM0603
PANASONIC-ECG
ECJ-1VB1E103K
4
2
C14,C15
47p
5%
50V
COG
SM0603
TDK
C1608C0G1H470J
5
2
C16,C17
22p
5%
50V
COG
SM0603
MURATA
GRM1885C1H220JA01D
6
2
D1,D2
ESDA6V1-4BC6
6.1V, 80W
SOT23_6L
ST MICRO
ESDA6V1-4BC6
7
1
D3
BAT54XV2T1OS
200mA
SOD-523
ON SEMI
BAT54XV2T1OS
8
1
D4
LED Green
20mA
CLR
SM0805_DIO_1C2A
CHICAGO MINI
CMD17-21VGC
9
1
D5
LED Red
20mA
CLR
SM0805_DIO_1C2A
CHICAGO MINI
CMD17-21VRC
10
1
FB1
40 OHM
1.5A
MLF
SM0805
STEWARD
MI0805K400R-00
MI0805K400R-01
11
1
J1
USB TYPE B
USB\B
MOLEX
67068-0000
12
1
J2
HEADER 5X2
HDRF5DUALRA100X100 SAMTEC
SSQ-105-02-T-D-RA
13
1
J3
5 PIN
SN
HDR5LK100
AMP
640456-5
14
1
J4
2mm, 5 PIN
SN
SIP_5P_2.0MM
Sullins
PRPN051PAEN
15
1
J6
2 PIN
SN
SIP2/100
TYCO
644456-2
16
3
Q1,Q2,Q3
FDG6301N
25V
DUAL N-CH
SC70-6
FAIRCHILD SEMI
FDG6301N
17
1
R1
0
THK FILM
SM0805
YAGEO
RC0805JR-070RL
18
1
R2
470
5%
63mW
THK FILM
SM0402
ROHM
MCRMZPF4700
19
2
R3,R5
10k
1% 100mW THK FILM
SM0603
ROHM
MCR03EZPFX1002
20
5
R4,R6,R20,R26
10k
1%
63mW
THK FILM
SM0402
YAGEO
RC0402FR-0710KL
21
3
R7,R8,R9
2.49k
1% 100mW THK FILM
SM0603
ROHM
MCR03EZPFX2491
22
1
R10
1M
1%
63mW
THK FILM
SM0402
ROHM
MCR01MZPF1004
23
2
R11,R13
27
5%
63mW
THK FILM
SM0402
YAGEO
RC0402JR-0727RL
24
1
R12
1.50k
1%
63mW
THK FILM
SM0402
YAGEO
RC0402FR-071K5L
25
4
R17,R18,R24,R25
221
1%
63mW
THK FILM
SM0402
YAGEO
RC0402FR-07221L
26
1
R21
4.75k
0.01 63mW
THK FILM
SM0402
PANASONIC-ECG
ERJ-2RKF4751X
27
1
R23
2.49k
0.01 63mW
THK FILM
SM0402
PANASONIC-ECG
ERJ-2RKF2491X
28
1
U1
ATMega32L-8MC
MCU
MLF44_7X7_DP
ATMEL
ATMEGA32L-8MC
29
1
U2
FT232BQ
TQFP32/.8P/9X9
FTDI
FT232BQ
30
1
U3
MIC2920A-3.3WS
400mA
SOT223_1234_REV1
MICREL
MIC2920A-3.3WS TR
31
1
U4
93C46-TSSOP
1.8 - 5.5V
93C46
TSSOP8/.65P/6.4
ATMEL
AT93C46-10TI-1.8
32
1
Y1
6MHz RESONATOR
0.01
COMM
CERALOCK
MURATA
CSTCR6M00G53-R0
33
1
Y2
8MHz Crystal,
CL = 18pF
30ppm
CSM-7
X575CT
ECS INC
ECS-80-18-5P
NI
TP1,TP2,TP3,TP4
T POINT S
TP_020H
NI
R15,R16
NI
1%
SM0402
NI
J5
AVRISP_10PinConn
HDR10DUAL100X100
NI
R14
10k
1%
63mW
THK FILM
SM0402
YAGEO
RC0402FR-0710KL
NI
C18
100n
0.1
10V
X7R
SM0603
KEMET
C0603C104K8RACTU
NI = Not Installed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com