Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLUSBREF01 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ZLUSBREF01
Description  USB to SMBus Reference Design
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZLUSBREF01 Datasheet(HTML) 1 Page - Intersil Corporation

  ZLUSBREF01 Datasheet HTML 1Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 2Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 3Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 4Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 5Page - Intersil Corporation ZLUSBREF01 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USB
to
UART
MCU
UART to
SMBus
USB
Conn
SMBus
Conn
Description
The USB to SMBus
TM Interface board allows
communication
between
a
Zilker
Labs
Digital-DC™ evaluation board and a PC. This
interface board has been designed to bridge
PMBus commands from a PC application
program to the SMBus. The PMBus command
set is used to configure a Digital-DC device as
well as monitor the power supply.
PMBus
TM
commands are accessed using the Zilker Labs
interface software from a PC running Microsoft
Windows. Refer to AN13 – PMBus Command
Set for more information on PMBus commands.
The USB to SMBus interface board is used by
connecting the SMBus interface connector
directly to a Zilker Labs evaluation board. The
SMBus connector is found on the lower left-
hand side of each evaluation board. Refer to the
Zilker Labs’ product evaluation board quick
start guide and product data sheet for more
information.
Features
• SMBus control via USB
• SMBus 2.0 and I2C 2.1 compatible
• PMBus compliant
• Self powered from USB
• Pre-installed firmware
• Provides SMBus reference rail
Applications
This board has been designed to operate for the
following conditions:
• Interface to Digital-DC EVBs
• f
SMBus = 100 kHz
• Temperature range: 0°C to +70°C
Figure 1. USB to SMBus Interface
Figure 2. Block Diagram


Similar Part No. - ZLUSBREF01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZLUSBEVAL3Z INTERSIL-ZLUSBEVAL3Z Datasheet
231Kb / 3P
USB to PMBus Adapter and Cable
September 29, 2014
More results

Similar Description - ZLUSBREF01

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
85 to 265 VAC Input, 15W Output USB Reference Design Board
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
Silicon Laboratories
AN282 SILABS-AN282 Datasheet
881Kb / 22P
USB MASS STORAGE DEVICE REFERENCE DESIGN PROGRAMMERS GUIDE
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
Silicon Laboratories
AN496 SILABS-AN496 Datasheet
170Kb / 36P
HID USB-TO-SMBUS API SPECIFICATION
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com