Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12H-SSTDSO-R5CB2-001 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # S12H-SSTDSO-R5CB2-001
Description  Gear Tooth Speed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S12H-SSTDSO-R5CB2-001 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  S12H-SSTDSO-R5CB2-001 Datasheet HTML 1Page - Standex Electronics, Inc. S12H-SSTDSO-R5CB2-001 Datasheet HTML 2Page - Standex Electronics, Inc. S12H-SSTDSO-R5CB2-001 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
standexelectronics.com
Datasheet
Rev DBA
Page 1
+1 970.879.9900 | sensorsales@standexelectronics.com
S12H-SSTDSO-R5CB2-001
Gear Tooth Speed Switch
Speed Switch
Transistor output-ferrous target activated
Regulated input, NPN with 5k pull-up
Stainless 12x1mm x 52mm housing
Integral 4 pin male 12mm micro connector
Part Description:
S 1 2 H - S ST D SO - R 5 CB 2 - 001
‘Steel Gears & Ferrous Target Actuated
Speed Switch with Transistor Output’
Overspeed, Underspeed, Zero-Speed
DESCRIPTION
• Speed switch output turns on/off dependent on factory
programmed frequency.
• 001 Hz switch point functions as “0 speed” indicator. For other
switch speeds contact Sensor Solutions.
• Single channel digital square wave output for resolving actual
speed.
• Detects gears and other ferrous targets using Hall Effect
Technology
• Capable of detecting 0-32 pitch gears, bolt heads, holes in steel
plates, and other ferrous targets
• No orientation required. Use lock nuts to set air gap within
range of target
FEATURES
• Ferrous Target Speed Switch
• No Orientation Required
• Add –xxx in Hz to End of PN – contact
factory for custom switch
point models
CUSTOMER FOCUSED ENGINEERING + MODULAR DESIGN
HOUSING - Aluminum, stainless steel,
plastic, threaded, flange mount,
customer specific
ELECTRICAL - Every sensor function
available in various electrical options
(NPN, PNP, TTL, etc.)
CONNECTION - Deutsch, Amphenol,
many other brands, free end wires,
pigtails, any length
Need a Custom Sensor Solution?... Send us your application specific requirements at
s e n s or s o. c om
Modify, update, or enhance any sensor with our modular features and functionality.
Housing
Sensor Type & Function
Electrical Option
Connection Type
User Defined Frequency
S = Stainless Steel, Thread
Pitch M12x1, 52mm Long
Speed Switch Gear
Tooth & Ferrous Targets
Regulated Input
NPN w/5k Pull up
CB2 = Integral 4 Pin Male
12mm Micro Connector
Switch Frequency
xxx in Hz


Similar Part No. - S12H-SSTDSO-R5CB2-001

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
S12H-SSTDSO-R5CB2-500 STANDEX-S12H-SSTDSO-R5CB2-500 Datasheet
566Kb / 3P
Gear Tooth Speed Switch
Rev DBA
More results

Similar Description - S12H-SSTDSO-R5CB2-001

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
True Zero Speed Miniature Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
logo
ZF Friedrichshafen AG
GS101201 ZFSWITCHES-GS101201 Datasheet
648Kb / 2P
Flange mount gear tooth speed sensor
SD101201 ZFSWITCHES-SD101201 Datasheet
370Kb / 2P
Gear Tooth Speed and Direction Sensor
logo
Standex Electronics, In...
S12H-SSTDSO-R5CB2-500 STANDEX-S12H-SSTDSO-R5CB2-500 Datasheet
566Kb / 3P
Gear Tooth Speed Switch
Rev DBA
S12R-SSRDSO-NCSL5-001 STANDEX-S12R-SSRDSO-NCSL5-001 Datasheet
607Kb / 3P
Gear Tooth Speed Switch
Rev CAA
S12R-SSRDSO-NOSL5-500 STANDEX-S12R-SSRDSO-NOSL5-500 Datasheet
606Kb / 3P
Gear Tooth Speed Switch
Rev CAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com