Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12H-SSTDSO-R5CB2-500 Datasheet(PDF) 3 Page - Standex Electronics, Inc.

Part # S12H-SSTDSO-R5CB2-500
Description  Gear Tooth Speed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S12H-SSTDSO-R5CB2-500 Datasheet(HTML) 3 Page - Standex Electronics, Inc.

  S12H-SSTDSO-R5CB2-500 Datasheet HTML 1Page - Standex Electronics, Inc. S12H-SSTDSO-R5CB2-500 Datasheet HTML 2Page - Standex Electronics, Inc. S12H-SSTDSO-R5CB2-500 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
standexelectronics.com
Datasheet
Rev DBA
Page 3
+1 970.879.9900 | sensorsales@standexelectronics.com
Please note: All technical specifications on this series datasheet refer to the standard product range. Modifications in the sense of technical progress are reserved. For
general information only. For more specific information, please consult the product datasheet, available upon request.
This series datasheet could contain technical inaccuracies or typographical errors. Changes are periodically made to the information herein. These change will be
incorporated in future revisions.
For deviating values, most current specifications and products please contact your nearest sales office.
S12H-SSTDSO-R5CB2-500
Gear Tooth Speed Switch
Marking
R5, Regulated, 5k Resistor
Handling Instructions
DO NOT CONTACT
FACE TO FACE
CONTACT WITH OTHER MAGNETS MAY
REDUCE THE MAXIMUM OPERATING GAP
Date Code ‘YYM’
YY = YEAR, M = MONTH
A JAN
D APR
H JUL
L OCT
B FEB
E MAY
J AUG
M NOV
C MAR
G JUN
K SEP
N DEC
CHARACTERISTIC-OPTION_TRIP SPEED
MARKED ON THIS SURFACE
fff = SWITCH FREQUENCY IN Hz #
DATE CODE, THIS SURFACE
SSTDSO-R5_fff 06A
SENSOR
.1µf
NPN
5k
REG
Vcc
(8-30V)
Vout
(Each Channel)
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com