Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12H-SSTDSO-R5CB2-500 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # S12H-SSTDSO-R5CB2-500
Description  Gear Tooth Speed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S12H-SSTDSO-R5CB2-500 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  S12H-SSTDSO-R5CB2-500 Datasheet HTML 1Page - Standex Electronics, Inc. S12H-SSTDSO-R5CB2-500 Datasheet HTML 2Page - Standex Electronics, Inc. S12H-SSTDSO-R5CB2-500 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
standexelectronics.com
Datasheet
Rev DBA
Page 2
+1 970.879.9900 | sensorsales@standexelectronics.com
S12H-SSTDSO-R5CB2-500
Gear Tooth Speed Switch
OTHER OPTIONS
As well as these Ferrous Target Speed Switches, we offer Magnet / Magnet
Tape activated Speed Switches, and Gear Tooth Speed Switches designed to
work with standard gears. We have options for relay outputs, NPN outputs, and
TTL outputs.
Note: Check our website or contact us to discuss any of our magnetic speed,
count, and position detection sensors.
Environmental Specifications
Corrosion Resistance
500 hours salt spray ASTM B-117
Installation Torque
23 Foot-Pounds Maximum
Enclosure
Nema 1,3,4,6,13 & IEC IP67
Vibration
10 G’s 2 to 2000 Hz Sinusodal
Mechanical Shock
100 G’s, 11 mS Half-Sine
OTHER MATING CONNECTORS AND CABLES AVAILABLE
Absolute Max Limits
Min
Max
Unit
Supply Voltage, Vcc-Gnd
-32
+32
Volts
Voltage at Output
-.3
30
Volts
Sink Current into Output
-
50
mA
Short Circuit Prot. Vout-Gnd
-
Indef.
Minutes
Short Circuit Prot. Vout-+Vcc
-
None
Minutes
Electrical Specifications Conditions
Min
Max
Unit
Temperature Range
Operating
-40
+110
Deg C
Supply Voltage, Vcc
Over temperature
+8
+30
Volts DC
Supply Current
Into Vcc, Vcc=12V
5
16
mA
Internal Pull up Resistor
Vcc to Vout
4.9
5.1
kOhms
Vol, Low Level Vout
Vcc = 12V, Rload >100k
0.0
0.7
Volts
Voh, High Level Vout
Vcc = 12V, Rload >100k
11.75
12
Volts
Overspeed TRIP Frequency Output goes low above
490
505
Hz
Underspeed Release Freq. Output goes high below
470
485
Hz
ESD (like product qualified) Nondestructive
-
2000
Volts
EMI (like product qualified) 20k to 1 G Hz
-
20
V / M
Sensor Characteristics
Output State at 0 Speed: High (Transistor Off)
Air Gap Range, Targets
Min
Typ
Max
.22” wide, .65” apart, .30” deep:
.000”
.070”
.140”*
.12” wide, .29” apart, .25” deep:
.000”
.045”
.090”*
.10” wide, .17” apart, .17” deep:
.000”
.028”
.055”*
.06” wide, .10” apart, .10” deep:
.000”
.015”
.030”*
TRIP Frequency Accuracy,
Output LOW
.98%
1.0%
1.01%*
RELEASE Frequency Accuracy,
Output HIGH
.99%*** 1.0%
1.02%
STOP DETECT TIME, Output
returns high after sudden stop
10ms (Typical)
* Gap the sensor less than MAX GAP.
** Output is LOW if teeth are passing by faster
than 1.02 * Trip Frequency.
***Output is HIGH if teeth are passing by slower
than 0.99 * Release Frequency
Rev D
Connections Chart
Pin 1 Vcc
Pin 3 Ground
Pin 2 1 Pulse per Target Pin 4 Speed Switch Output
CB2-SSTDSO
Rev A
Convert RPM to Hz
Over/Under Speed Trip Points are in Hz, pulses per second.
To convert RPM (Revolutions per Minute) to Hz, you need
to know the target’s pulses per revolution, “N”. A 20-tooth
target produces 20 pulses, so N=20.
Hz = RPM * ( N / 60 ). Or RPM = Hz * ( 60 / N).
Example: For a 20-tooth target and 500 Hz trip point, RPM
= 500 * (60 / 20) so the output
switches low at 1500 RPM.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com