Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S18-SSTHS1-R5SA5-30 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # S18-SSTHS1-R5SA5-30
Description  Magnet Detecting Speed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S18-SSTHS1-R5SA5-30 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  S18-SSTHS1-R5SA5-30 Datasheet HTML 1Page - Standex Electronics, Inc. S18-SSTHS1-R5SA5-30 Datasheet HTML 2Page - Standex Electronics, Inc. S18-SSTHS1-R5SA5-30 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
standexelectronics.com
Datasheet
Rev CED
Page 1
+1 970.879.9900 | sensorsales@standexelectronics.com
S18-SSTHS1-R5SA5-30
Magnet Detecting Speed Switch
Moving Magnet Actuated Speed Switch, 55 Gauss sensitivity
Transistor output for Over or Under Speed
Regulated input, NPN with 5k pull-up
Stainless 18x1mm x 53mm housing
Shielded 4 wire 22 AWG 80°C PVC, 5ft
Part Description:
S 1 8 - S S T H S 1 - R 5 S A 5 - 30
‘South Pole Magnet Actuated
Speed Switch with Transistor Output’
Overspeed, Underspeed, Zero-Speed
DESCRIPTION
• Speed switch output turns on/off dependent on factory
programmed frequency.
• 30 Hz switch point will activate the output at any speed where 30
or more magnets pass the sensor within 1 second.
Contact us for lower or higher switching speeds.
• Single channeldigital square wave outputfor resolvingactualspeed.
• Detects the South Pole field from permanent magnets using Hall
Effect Technology
• Detects south pole fields of 55 Gauss or more. Operate gap range
dependent on magnet size/type
• No orientation required. Use lock nuts to set air gap within range
of target
FEATURES
• Non-contact speed measurement
• No Orientation Required
• Add –xxx in Hz to End of PN – contact
factory for custom switch
point models
CUSTOMER FOCUSED ENGINEERING + MODULAR DESIGN
HOUSING - Aluminum, stainless steel,
plastic, threaded, flange mount,
customer specific
ELECTRICAL - Every sensor function
available in various electrical options
(NPN, PNP, TTL, etc.)
CONNECTION - Deutsch, Amphenol,
many other brands, free end wires,
pigtails, any length
Need a Custom Sensor Solution?... Send us your application specific requirements at
s e n s or s o. c om
Modify, update, or enhance any sensor with our modular features and functionality.
Housing
Sensor Type & Function
Electrical Option
Connection Type
User Defined Frequency
S = Stainless Steel, Thread
Pitch M18x1, 53mm Long
South Pole Magnet
Actuated Speed Switch
Regulated Input
NPN w/5k Pull up
SA Shielded 4 Wire 22
AWG 80
°C PVC
Switch Frequency
xxx in Hz


Similar Part No. - S18-SSTHS1-R5SA5-30

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S18-120-L PANDUIT-S18-120-L Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
S18-120-L0 PANDUIT-S18-120-L0 Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
S18-175-L PANDUIT-S18-175-L Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
S18-175-L0 PANDUIT-S18-175-L0 Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Banner Engineering Corp...
S18-2 BANNER-S18-2 Datasheet
1Mb / 10P
S18-2 Plastic 18 mm Barrel Sensors
More results

Similar Description - S18-SSTHS1-R5SA5-30

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
M05 MEDER-M05 Datasheet
121Kb / 1P
Magnet
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
M13 MEDER-M13 Datasheet
109Kb / 1P
Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
Magnet
logo
Allegro MicroSystems
ATS601LSGTN-LT-WU4-T ALLEGRO-ATS601LSGTN-LT-WU4-T Datasheet
435Kb / 14P
Single Element, Tooth Detecting Speed Sensor IC
logo
ams AG
AS5000-MD6H-1 AMSCO-AS5000-MD6H-1 Datasheet
152Kb / 1P
magnet
logo
Allegro MicroSystems
ATS601 ALLEGRO-ATS601 Datasheet
435Kb / 14P
Single Element, Tooth Detecting Speed Sensor IC
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
Magnet
logo
Siemens Semiconductor G...
3SE5 SIEMENS-3SE5 Datasheet
8Mb / 100P
Detecting Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com