Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S18-SSTHS1-R5SA5-30 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # S18-SSTHS1-R5SA5-30
Description  Magnet Detecting Speed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S18-SSTHS1-R5SA5-30 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  S18-SSTHS1-R5SA5-30 Datasheet HTML 1Page - Standex Electronics, Inc. S18-SSTHS1-R5SA5-30 Datasheet HTML 2Page - Standex Electronics, Inc. S18-SSTHS1-R5SA5-30 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
standexelectronics.com
Datasheet
Rev CED
Page 2
+1 970.879.9900 | sensorsales@standexelectronics.com
OTHER OPTIONS
As well as these Ferrous Target Speed Switches, we offer Magnet / Magnet Tape
activated Speed Switches, and Gear Tooth Speed Switches designed to work
with standard gears. We have options for relay outputs, NPN outputs, and TTL
outputs.
Note: Check our website or contact us to discuss any of our magnetic speed,
count, and position detection sensors.
S18-SSTHS1-R5SA5-30
Magnet Detecting Speed Switch
OTHER MATING CONNECTORS AND CABLES AVAILABLE
Absolute Max Limits
Min
Max
Unit
Supply Voltage, Vcc-Gnd
-32
+32
Volts
Voltage at Output
-.3
30
Volts
Sink Current into Output
-
50
mA
Short Circuit Prot. Vout-Gnd
-
Indef.
Minutes
Short Circuit Prot. Vout-+Vcc
-
None
Minutes
Electrical Specifications Conditions
Min
Max
Unit
Temperature Range
Operating
-40
+110
Deg C
Supply Voltage, Vcc
Over temperature
+8
+30
Volts DC
Supply Current
Into Vcc
2.5
12
mA
Internal Pull up Resistor
Vcc to +5V
4.9
5.1
kOhms
Vol, Low Level Vout
Vcc = 12V, Rload >100k
0.0
0.7
Volts
Voh, High Level Vout
Vcc = 12V, Rload >100k
11.75
12
Volts
Overspeed TRIP Frequency Output goes low above
28
31
Hz
Underspeed Release Freq. Output goes high below
24
27
Hz
ESD (like product qualified) Nondestructive
-
2000
Volts
EMI (like product qualified) 20k to 1 G Hz
-
20
V / M
Grey shaded specs are 100% Final tested before shipping
Sensor Characteristics – S Pole Sensitive
Output State at 0 Speed: High (Transistor Off)
Operate Point Over Temp
100% Tested at 25°C before shipping
15 G
55 G
76 G
Release Point Over Temp
5 G
35 G
57 G
Hysteresis Over Temp
5 G
20 G
28 G
TRIP Frequency Accuracy,
Output LOW
.98%
1.0%
1.01%*
RELEASE Frequency Accuracy,
Output HIGH
.99%*** 1.0%
1.02%
STOP DETECT TIME, Output
returns high after sudden stop
10ms(Typical)
* Gap the sensor to make sure it sees >77 G
when close, <17 G when far.
** Output is LOW if teeth are passing by faster
than 1.02 * Trip Frequency.
***Output is HIGH if teeth are passing by slower
than 0.99 * Release Frequency
Rev C
Connections Chart
Red Vcc
Black Ground
Green Pulse Vout
White Switch Vout
S18-SSTHS1
Environmental Specifications
Corrosion Resistance
500 hours salt spray ASTM B-117
Installation Torque
60 Foot-Pounds Maximum
Enclosure
Nema 1,3,4,6,13 & IEC IP67
Vibration
10 G’s 2 to 2000 Hz Sinusodal
Mechanical Shock
100 G’s, 11 mS Half-Sine
Convert RPM to Hz
Over/Under Speed Trip Points are in Hz, pulses per second.
To convert RPM (Revolutions per Minute) to Hz, you need
to know the target’s pulses per revolution, “N”. A target
with 2 S pole magnets will produce 2 pulses per
revolution, so N=2.
Hz = RPM * ( N / 60 ). Or RPM = Hz * ( 60 / N).
Example: Using 2 magnets and a 30 Hz trip point,
RPM = 30 * (60 / 2) so the output
switches low at 900 RPM.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com