Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSA Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MFSA
Description  SMD current sensing resistor-metal foil
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFSA Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MFSA Datasheet HTML 1Page - Eaton All Rights Reserved. MFSA Datasheet HTML 2Page - Eaton All Rights Reserved. MFSA Datasheet HTML 3Page - Eaton All Rights Reserved. MFSA Datasheet HTML 4Page - Eaton All Rights Reserved. MFSA Datasheet HTML 5Page - Eaton All Rights Reserved. MFSA Datasheet HTML 6Page - Eaton All Rights Reserved. MFSA Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Technical Data ELX1180
Effective June 2022
MFSA
SMD current sensing resistor-metal foil
www.eaton.com/electronics
Mechanical parameters- Inches [mm]
Family
Size code
L
W
C
T
Figure
MFSA0402
0402
[1005]
0.040 ± 0.004
[1.0 ± 0.10]
0.020 ± 0.004
[0.55 ± 0.10]
0.012 ± 0.004
[0.30 ± 0.10]
0.018 ± 0.004
[0.45 ± 0.10]
A
MFSA0603
0603
[1608]
0.063 ± 0.008
[1.60 ± 0.20]
0.031 ± 0.008
[0.80 ± 0.20]
0.016 ± 0.008
[0.40 ± 0.20]
0.028 ± 0.008
[0.70 ± 0.20]
A
MFSA0805
0805
[2012]
0.079 ± 0.008
[2.0 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.016 ± 0.012
[0.40 ± 0.30]
0.028 ± 0.008
[0.70 ± 0.20]
A
MFSA1206
1206
[3216]
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.020 ± 0.012
[0.50 ± 0.30]
0.028 ± 0.008
[0.70 ± 0.20]
A
MFSA0508
0508
[1220]
0.049 ± 0.008
[1.25 ± 0.20]
0.079 ± 0.008
[2.0 ± 0.20]
0.016 ± 0.008
[0.40 ± 0.20]
0.020 ± 0.008
[0.50 ± 0.20]
B
MFSA0612
0612
[1632]
0.063 ± 0.008
[1.60 ± 0.20]
0.126 ± 0.008
[3.20 ± 0.20]
0.016 ± 0.008
[0.40 ± 0.20]
0.020 ± 0.008
[0.50 ± 0.20]
B
Recommended PCB layout- mm
Construction
Figure A
Figure B
Family
Resistance
(mΩ)
A
L
B
MFSA0402
10 ~ 20
0.7
0.45
0.375
MFSA0603
5 ≤ R ≤ 20
1
0.6
1.1
MFSA0805
5 ≤ R ≤ 30
1.4
1.2
1
MFSA1206
5 ≤ R ≤ 30
1.8
1.6
1.55
31 ≤ R ≤ 40
1.8
2.2
1.35
MFSA0508
5 ≤ R ≤ 10
2.4
0.45
0.875
MFSA0612
1 ≤ R ≤ 20
3.8
0.85
0.625
Part marking
Family
Marking
MFSA0402
No marking
MFSA0603
No marking
MFSA0805
xxx: (xxx= resistance value in ohms
expressed in 3 digits)
005 = 0.005 Ω or 5 mΩ
010 = 0.010 Ω or 10 mΩ
exception: 6.5 = 0.0065 Ω or 6.5 mΩ
MFSA1206
MFSA0508
No marking
MFSA0612
xxx: (xxx= resistance value in ohms
expressed in 3-4 digits
0025 = 0.0025 Ω or 2.5 mΩ
005 = 0.005 Ω or 5 mΩ
010 = 0.010 Ω or 10 mΩ
1. The copper foil thickness of PCB needs 3 oz. minimum
2. PCB layout dimension tolerance is +/-0.1 mm.
3. The Resistance will change slightly after soldered; it is dependent on PCB pad size deign
and it’s necessary to consider the effect of the resistance increase or decrease.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com