Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSA Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # MFSA
Description  SMD current sensing resistor-metal foil
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFSA Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  MFSA Datasheet HTML 1Page - Eaton All Rights Reserved. MFSA Datasheet HTML 2Page - Eaton All Rights Reserved. MFSA Datasheet HTML 3Page - Eaton All Rights Reserved. MFSA Datasheet HTML 4Page - Eaton All Rights Reserved. MFSA Datasheet HTML 5Page - Eaton All Rights Reserved. MFSA Datasheet HTML 6Page - Eaton All Rights Reserved. MFSA Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Technical Data ELX1180
Effective June 2022
MFSA
SMD current sensing resistor-metal foil
www.eaton.com/electronics
Packaging information- mm
Supplied in tape and reel on a 7.0” diameter reel (EIA-481 compliant)
Tape carrier and dimensions
Reel dimensions
Dimension
0402
0603
0805
1206
0508
0612
E1
1.75 ± 0.1
1.75 ± 0.1
1.75 ± 0.1
1.75 ± 0.1
1.75 ± 0.1
1.75 ± 0.1
F
3.5 ± 0.05
3.5 ± 0.05
3.5 ± 0.05
3.5 ± 0.05
3.5 ± 0.05
3.5 ± 0.05
P2
2.0 ± 0.1
2.0 ± 0.1
2.0 ± 0.1
2.0 ± 0.1
2.0 ± 0.1
2.0 ± 0.1
D0
1.5 ± 0.1
1.5 ± 0.1
1.5 ± 0.1
1.5 ± 0.1
1.5 ± 0.1
1.5 ± 0.1
P0
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
W
8.0 ± 0.2
8.0 ± 0.2
8.0 ± 0.2
8.0 ± 0.2
8.0 ± 0.2
8.0 ± 0.2
P1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
A0
0.75 ± 0.05 1.1 ± 0.15
1.6 ± 0.15
2.0 ± 0.15
1.6 ± 0.15
2.0 ± 0.15
B0
1.3 ± 0.05
1.9 ± 0.2
2.4 ± 0.2
3.6 ± 0.2
2.4 ± 0.2
3.6 ± 0.2
T
0.65 ± 0.1
0.85 ± 0.1
1.05 ± 0.1
1.05 ± 0.1
1.05 ± 0.1
1.05 ± 0.1
Size
A
B
C
D
N
W1
W2
W3
0402
178 ± 2.0 3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0 9.0 ± 1.0
11.4 ± 1.0
na
0603
178 ± 2.0 3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0 9.0 ± 1.0
11.4 ± 1.0
na
0805
178 ± 2.0 3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0 9.0 ± 1.0
11.4 ± 1.0
na
1206
178 ± 2.0 3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0 9.0 ± 1.0
11.4 ± 1.0
na
0508
178 ± 2.0 3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0 9.0 ± 1.0
11.4 ± 1.0
na
0612
178 ± 2.0 3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0 9.0 ± 1.0
11.4 ± 1.0
na
Size
Tape
Quantity
0402
7 inch paper
10K
0603
7 inch paper
5K
0805
7 inch paper
4K
1206
7 inch paper
4K
0508
7 inch paper
4K
0612
7 inch paper
4K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com