Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD15GT Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # LD15GT
Description  smart sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LD15GT Datasheet(HTML) 2 Page - Omron Electronics LLC

  LD15GT Datasheet HTML 1Page - Omron Electronics LLC LD15GT Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1. Do not install the product in locations subjected to the following conditions:
・ Reection of intense light (such as other laser beams or electric arc-welding
machines)
・ Presence of dust, oil droplets or spray on the lter on the front of the Sensor Head
・ Presence of corrosive or ammable gases
・ Direct vibration or shock
2. Pre-installation Checks
・ The product cannot accurately measure the following types of objects:
(transparent objects, objects having an extremely low reection factor, objects
smaller than the spot diameter, objects with a large curvature, excessively
inclined objects, etc.)
3. Wiring
・ Avoid wiring the cable between the Sensor Head and Sensor Controller
including this product near high voltage lines and power lines.
Wiring them together or placing them in the same duct may cause induction,
resulting in malfunction or damage.
・ Before connecting/disconnecting the Sensor Head, make sure that the Smart
Sensor is turned OFF. The Smart Sensor may break down if the Sensor Head is
connected or disconnected while the power is ON.
4. Cleaning
・ Do not use paint thinner, benzene, acetone or kerosene to clean the Sensor
Head. Doing so will melt the surface of the Sensor Head.
・ To remove dust particles, use a blower brush.
・ To remove stubborn dirt, wipe gently with a soft cloth moistened with a small
amount of alcohol.
5. Compatibility
・ The Sensor Head is compatible with the Sensor Controller, and can be used if
purchased separately.
Please observe the following precautions for safe use of the product:
1. Do not use the product in environments where it can be exposed to
in ammable/explosive gas.
2. Do not disassemble, repair or modify this product.
3. Be sure to make sure that locking mechanisms are locked before use.
4. Dispose of this product as industrial waste.
■Dimensions
PRECAUTIONS ON SAFETY
INSTRUCTION SHEET
© OMRON Corporation 2005 All Rights Reserved.
Model
ZS-LD15G/LD15GT
Sensor Head for Smart Sensor ZS-LDC□□
PRECAUTIONS FOR SAFE USE
PRECAUTIONS FOR CORRECT USE
■Export and Trade Control Laws
The ZS-LD15G is classed as a commodity (or technology) requiring
acquisition of export permission in accordance with foreign exchange and
overseas trade control laws. When the LD15G is to be taken outside of
Japan, adopt the required procedures such as application for export
permission by the Japanese government.
* Contact your OMRON representative.
■Attaching the ferrite core
Attach the ferrite core (provided with the Sensor Head) to both ends of the Sensor
Head cable.
If the ferrite core comes loose from the cable, fasten the ferrite core in place with the
Insure Lock (supplied).
LASER SAFETY
Thank you for selecting OMRON product. This sheet primarily
describes precautions required in installing and operating the product.
Before operating the product, read the sheet thoroughly to acquire
sufficient knowledge of the product. For your convenience, keep the
sheet at your disposal.
●Meanings of Signal Words
●Alert Statements in this Sheet
●Meaning of Alert Symbols
WARNING
Indicates a potentially hazardous situation which, if
not avoided, will result in minor or moderate injury,
or may result in serious injury or death. Additionally,
there may be significant property damage.
WARNING
Never look into the laser beam.
Doing so continuously will result in visual
impairment.
Do not disassemble the product.
Doing so may cause the laser beam to leak,
resulting in the danger of visual impairment.
Indicates the possibility of laser radiation.
Indicates prohibition when there is a risk of minor
injury from electrical shock or other source if the
product is disassembled.
ZS-LD15G/LD15GT
*1 Dened as 1/e2 (13.5 %) of the center optical intensity in the measurement center distance (effective value). The beam diameter is sometimes inuenced by the ambient conditions of the workpiece such as
leaked light from the main beam.
*2 This is the error on the measured value with respect to an ideal straight line. The standard workpiece is glass. Linearity may change according to the workpiece.
*3 This is the "peak-to-peak" displacement conversion value of the displacement output in the measuring center distance when the number of samples to average is set to 128, and the measuring mode is set to
high-resolution mode. The standard workpiece is glass. Figures in parentheses (
) are set to the average count 4096, or typical values when data is loaded from the USB or RS-232C interface the standard
work piece.
*4 This is the typical value obtained in the measuring center distance when the sensor and workpiece are xed by an aluminum tool.
*5 This value is obtained when the measuring mode is set to the high speed mode.
(unit: mm)
■Specifications
Ferrite core
Insure Lock
Ferrite core
Model Item
Optical system
Regular reflection
Measuring Center distance
Measuring range
Light source
NEAR indicator
Indicators
FAR indicator
Operating ambient illumination
Ambient temperature
(with no icing or condensation)
Ambient humidity
IP40
Shock resistance(destruction)
Cable length
Materials
Weight
Approx. 400 g
Laser label(1 each for JIS/EN), Ferrite core(2 pcs), Insure Lock(2 pcs)
Accessories
Beam diameter(*1)
Linearity(*2)
Resolution(*3)
Temperature characteristic(*4)
Sampling cycle(*5)
Insulation resistance
Dielectric strength(destructive)
Degree of protection
Vibration esistance(destructive)
Case:aluminum die-cast, front cover: glass
0.5m , 2m
150m/s2, for 3 times each in X,Y and Z directions
10 to 150 Hz, 0.7-mm double amplitude 80 min each in X,Y and Z directions
AC1000V 50/60 Hz 1 min.
20MΩ(500mVDC)
Operating and storage: 35% to 85% RH (with no condensation)
Operating:0 to +50℃, Storage: -15 to +60℃
Illumination on received light surface 3000 lx or less (incandescentlight)
Lit near measuring center distance, and further than measuring center distance inside the
measuring range Blinks when the measurement target is outside of the measuring range or when
the received light amount is insufficient
Lit near measuring center distance, and nearer than measuring center distance inside the
measuring range Blinks when the measurement target is outside of the measuring range or when
the received light amount is insufficient
110μs
0.04%F.S./℃
0.15μm(0.001μm)
0.25μm
±0.1%F.S.
25 ×900μm
Visible semiconductor laser(wavelength 650nm,
1mW max.,
Class 1)
±0.75mm
15mm
ZS-LD15G
ZS-LD15GT
15
4.50
84
42
5
29
44
55
74
44
11.5
16.5
24
11.5
16.5
24
90°
CENTER
RECEIVING AXIS
LIGHTENING AXIS
STANDARD SURFACE
CONNECTOR
VINYL INSULATED ROUND CORD
DIA6.2. STANDARD LENGTH 2m
4-4.5 Dia MOUNTING HOLES
4-8 Dia Spot facing Depth 4
MOUNTING SCREW HOLES
20
30
40
8
LIGHTENING PART
RECEIVING PART
19.6
29±0.1
2-C14
Suitability for Use
t
Omron Companies shall not be responsible for conformity with any
standards, codes or regulations which apply to the combination of the
Product in the Buyer’
s application or use of the Product. At Buyer’
s
request, Omron will provide applicable third party certification documents
identifying ratings and limitations of use which apply to the Product. This
information by itself is not sufficient for a complete determination of the
suitability of the Product in combination with the end product, machine,
system, or other application or use. Buyer shall be solely responsible for
determining appropriateness of the particular Product with respect to
Buyer’
s application, product or system. Buyer shall take application
responsibility in all cases.
NEVER USE THE PRODUCT FOR AN APPLICATION INVOLVING
SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT
THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE
RISKS, AND THAT THE OMRON PRODUCT(S) IS PROPERLY RATED
AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL
EQUIPMENT OR SYSTEM.
Jun, 2019
D
OMRON Corporation
Industrial Automation Company
Contact: www.ia.omron.com
Kyoto, JAPAN
OMRON ELECTRONICS LLC
2895 Greenspoint Parkway, Suite 200
Hoffman Estates, IL 60169 U.S.A.
Tel: (1) 847-843-7900/Fax: (1) 847-843-7787
OMRON ASIA PACIFIC PTE. LTD.
No. 438A Alexandra Road # 05-05/08 (Lobby 2),
Alexandra Technopark,
Singapore 119967
Tel: (65) 6835-3011/Fax: (65) 6835-2711
OMRON (CHINA) CO., LTD.
Room 2211, Bank of China Tower,
200 Yin Cheng Zhong Road,
PuDong New Area, Shanghai, 200120, China
Tel: (86) 21-5037-2222/Fax: (86) 21-5037-2200
OMRON EUROPE B.V.
Wegalaan 67-69, 2132 JD Hoofddorp
The Netherlands
Tel: (31)2356-81-300/Fax: (31)2356-81-388
Regional Headquarters
■Handling Precautions
・ The ZS-LD15G/LD15GT emits a visible laser beam. Do not stare directly into
the laser. Make sure that the laser beam path is terminated.
A non-reflective matte painted surface is ideal at the end of the laser beam path.
If specular objects are present in the laser beam path, make sure that they are
prevented from reflecting the laser beam. When used without an enclosure, make
sure the laser path from eye level is avoided.
■ Laser safety measures for laser devices are stipulated both in Japan and overseas.
Here, four cases are described.
(3) China
The ZS-LD15G/LD15GT is classified into Class 1 by the GB7247.1:2012
standard.(1类激光产品)
(2) USA
When using devices in which this product is installed in U.S., the devices are
subjected to the U.S. FDA (Food and Drug Administration) laser regulations.
The ZS-LD15G/LD15GT is scheduled to by registered to CDRH (Center for
Device and Radiological Health).
Please inquire details like export to foreign country.
(1) Usage in Japan
The JIS C6802:2014 standard stipulates the safety precautions that users must
take according to the class of the laser product. The ZS-LD15G/LD15GT is
classified into class 1 defined by this standard.
labeling on Laser Use
The ZS-LD15G/LD15GT has the following warning label on the side of the
sensors.
(4) For countries other than Japan, U.S. and China
When Usage in countries other than Japan, U.S. and China, the
ZS-LD15G/LD15GT is classified into Class 1 by the IEC 60825-1:2014 / EN
60825-1:2014 standard. When Usage of ZS-LD15G/LD15GT in countries other
than Japan, U.S. and China, replace the explanatory label with corresponding
English label.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com