Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC82002 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 3 Page - Texas Instruments

  DAC82002 Datasheet HTML 1Page - Texas Instruments DAC82002 Datasheet HTML 2Page - Texas Instruments DAC82002 Datasheet HTML 3Page - Texas Instruments DAC82002 Datasheet HTML 4Page - Texas Instruments DAC82002 Datasheet HTML 5Page - Texas Instruments DAC82002 Datasheet HTML 6Page - Texas Instruments DAC82002 Datasheet HTML 7Page - Texas Instruments DAC82002 Datasheet HTML 8Page - Texas Instruments DAC82002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
1
VDD
10
VREF
2
VOUTA
9
VOUTB
3
RSTSEL
8
SDIN
4
AGND
7
SYNC
5
RESET
6
SCLK
Not to scale
Figure 5-1. DRX (10-Pin WSON) Package, Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
AGND
4
Ground
Ground reference point for all circuitry on the device.
RESET
5
Input
Asynchronous reset. Active low. If RESET is low, all DAC channels reset either to zero-scale
(RSTSEL = AGND) or to midscale (RSTSEL = VDD).
RSTSEL
3
Input
Reset select pin.
DACs power up to zero scale if RSTSEL = AGND.
DACs power up to midscale if RSTSEL = VDD.
SCLK
6
Input
Serial interface clock of SPI.
SDIN
8
Input
Serial interface data input of SPI. Data are clocked into the input shift register on each falling edge
of the SCLK pin.
SYNC
7
Input
Serial data enable of SPI. Active low. This input is the frame-synchronization signal for the serial
data. When the signal goes low, the serial interface input shift register is enabled.
VDD
1
Power
Analog supply voltage (2.7 V to 5.5 V)
VOUTA
2
Output
Analog output voltage from DAC A
VOUTB
9
Output
Analog output voltage from DAC B
VREF
10
Input
This pin is the external reference input to the device.
www.ti.com
DAC82002
SBASAK1A – AUGUST 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com