Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC82002 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 1 Page - Texas Instruments

  DAC82002 Datasheet HTML 1Page - Texas Instruments DAC82002 Datasheet HTML 2Page - Texas Instruments DAC82002 Datasheet HTML 3Page - Texas Instruments DAC82002 Datasheet HTML 4Page - Texas Instruments DAC82002 Datasheet HTML 5Page - Texas Instruments DAC82002 Datasheet HTML 6Page - Texas Instruments DAC82002 Datasheet HTML 7Page - Texas Instruments DAC82002 Datasheet HTML 8Page - Texas Instruments DAC82002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
1 Features
• 16-bit performance: 1-LSB DNL and 2-LSB INL
• Low glitch energy: 0.5 nV-s
• Fast settling: 1 µs
• Wide power supply: 2.7 V to 5.5 V
• Wide reference range: 2.0 V to VDD
• Low power: 250 µA per channel at 5.0 V
• 3-wire serial peripheral interface (SPI) up to
50 MHz
• Reset to zero scale or midscale
• 1.62-V VIH with VDD = 5.5 V
• Temperature range: –40°C to +85°C
• Package: Tiny 10-pin WSON
2 Applications
• Oscilloscope (DSO)
• Battery test
• Semiconductor test
• Data acquisition (DAQ)
• DC power supply, ac source, electronic load
3 Description
The 16-bit DAC82002 is a highly accurate, low-power,
dual-channel digital-to-analog converter (DAC) with
an unbuffered voltage output.
The DAC82002 works with 3.3-V and 5-V supplies
and offers linearity of 1
‑LSB DNL and 2‑LSB INL.
The high accuracy combined with a tiny package
make the device an excellent choice for applications
such as gain and offset calibration, voltage set point
generation, and power-supply control. The DAC82002
incorporates a power-on-reset circuit to make sure
that the DAC output powers up at zero scale or
midscale based on the status of RSTSEL pin, and
remains at that scale until a valid code is written to the
device. All internal registers are asynchronously reset
after the RESET pin is pulled low.
The DAC82002 uses a versatile, three-wire serial
peripheral interface (SPI) that operates at clock rates
of up to 50 MHz.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
DAC82002
DRX (WSON, 10)
2.50 mm × 2.50 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
VOUTA
DAC
Register
DAC
Buffer
Power On Reset
VREF
SCLK
SDIN
AGND
VDD
DAC
RSTSEL
Channel A
Channel B
VOUTB
RESET
SYNC
Functional Block Diagram
DAC82002
SBASAK1A – AUGUST 2022 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC82002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
More results

Similar Description - DAC82002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
logo
Analog Devices
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
4/2018-Rev. A to Rev. B
logo
Texas Instruments
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82001 TI-DAC82001_V01 Datasheet
1Mb / 30P
DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com