Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS95V860 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS95V860
Description  2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V860 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS95V860 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ICS95V860
0675D—01/07/04
Bottom View
12
34
56
78
9
10
11
A
I2C_A0
CLKC0
CLKT0
CLKC1
CLKT1
CLKC2
CLKT2
CLKC3
CLKT3
PD#
VSS
B
I2C_A1
VSS
VDD
VDD
VSS
VSS
VDD
VDD
VSS
VSS
CLKC4
C FB_OUTT
VSS
VDD
CLKT4
D FB_OUTC
VDD
VDD
CLKC5
E
FB_INT
FB_INC
VSS
CLKT5
FAVDD
AGND
VSS
CLKC6
G
CLK_INT
CLK_INC
VDD
CLKT6
HCLKT12
VDD
VDD
CLKC7
J
CLKC12
VSS
VSS
CLKT7
K
I2C_SDA
VSS
VDD
VDD
VSS
VSS
VDD
VDD
VSS
VSS
VSS
L
I2C_SCL
CLKT11
CLKC11
CLKT10
CLKC10
CLKT9
CLKC9
CLKT8
CLKC8
VDD_I2C
VSS
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com