Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS95V860 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS95V860
Description  2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V860 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS95V860 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ICS95V860
0675D—01/07/04
Pin Descriptions
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
,
8
B
,
7
B
,
4
B
,
3
B
,
0
1
D
,
2
D
,
0
1
C
,
3
K
,
0
1
H
,
2
H
,
0
1
G
8
K
,
7
K
,
4
K
D
D
VR
W
PV
5
.
2
y
l
p
p
u
s
r
e
w
o
P
,
6
B
,
5
B
,
2
B
,
1
1
A
,
0
1
E
,
2
C
,
0
1
B
,
9
B
,
2
K
,
0
1
J
,
2
J
,
0
1
F
,
0
1
K
,
9
K
,
6
K
,
5
K
1
1
L
,
1
1
K
D
N
GR
W
Pd
n
u
o
r
G
1
FD
D
V
AR
W
PV
5
.
2
,
y
l
p
p
u
s
r
e
w
o
p
g
o
l
a
n
A
2
FD
N
G
AR
W
P.
d
n
u
o
r
g
g
o
l
a
n
A
0
1
LC
2
I
_
D
D
VR
W
P.
s
a
i
b
L
C
S
,
A
D
S
_
C
2
I
r
o
f
n
i
p
D
D
V
C
2
I
,
9
A
,
7
A
,
5
A
,
3
A
,
1
1
G
,
1
1
E
,
1
1
C
,
6
L
,
4
L
,
2
L
,
1
1
J
1
H
,
8
L
)
0
:
2
1
(
T
K
L
CT
U
O.
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
C
"
e
u
r
T
"
,
8
A
,
6
A
,
4
A
,
2
A
,
1
1
F
,
1
1
D
,
1
1
B
,
7
L
,
5
L
,
3
L
,
1
1
H
1
J
,
9
L
)
0
:
2
1
(
C
K
L
CT
U
O.
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
2
GC
N
I
_
K
L
CN
It
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
1
GT
N
I
_
K
L
CN
It
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
"
e
u
r
T
"
1
DC
T
U
O
_
B
FT
U
O
t
I
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
r
o
f
d
e
t
a
c
i
d
e
d
,
t
u
p
t
u
o
k
c
a
b
d
e
e
F
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
d
e
r
i
w
e
b
t
s
u
m
t
u
p
t
u
o
s
i
h
T
.
K
L
C
e
h
t
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
t
a
s
e
h
c
t
i
w
s
.
C
N
I
_
B
F
o
t
1
CT
T
U
O
_
B
FT
U
O
s
e
h
c
t
i
w
s
t
I
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
r
o
f
d
e
t
a
c
i
d
e
d
,
t
u
p
t
u
o
k
c
a
b
d
e
e
F
"
"
e
u
r
T
"
o
t
d
e
r
i
w
e
b
t
s
u
m
t
u
p
t
u
o
s
i
h
T
.
K
L
C
e
h
t
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
t
a
.
T
N
I
_
B
F
1
ET
N
I
_
B
FN
I
r
o
f
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
k
c
a
b
d
e
e
f
s
e
d
i
v
o
r
p
,
t
u
p
n
i
k
c
a
b
d
e
e
F
"
e
u
r
T
"
.
r
o
r
r
e
e
s
a
h
p
e
t
a
n
i
m
il
e
o
t
T
N
I
_
K
L
C
h
t
i
w
n
o
i
t
a
z
i
n
o
r
h
c
n
y
s
2
EC
N
I
_
B
FN
I
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
s
e
d
i
v
o
r
p
,
t
u
p
n
i
k
c
a
b
d
e
e
F
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
.
r
o
r
r
e
e
s
a
h
p
e
t
a
n
i
m
il
e
o
t
C
N
I
_
K
L
C
h
t
i
w
n
o
i
t
a
z
i
n
o
r
h
c
n
y
s
r
o
f
0
1
A#
D
PN
It
u
p
n
i
S
O
M
C
V
L
.
n
w
o
D
r
e
w
o
P
1
B
,
1
A1
A
_
C
2
I
,
0
A
_
C
2
IN
I.
s
t
i
b
s
s
e
r
d
d
a
C
2
I
1
KA
D
S
_
C
2
IN
I.
e
n
il
a
t
a
d
s
u
b
C
2
I
1
LL
C
S
_
C
2
IN
I.
e
n
il
k
c
o
l
c
s
u
b
C
2
I
ICS95V860 is a zero delay buffer that distributes a differential clock input pair (CLK_INC, CLK_INT) to thirteen
differential clock output pairs (CLKT[0:12], CLKC[0:12]) and one differential clock output feedback pair (FB_OUT,
FB_OUTC).The clock outputs are controlled by the input clocks (CLK_INC, CLK_INT), the feedback clocks (FB_INT,
FB_INC) the input (PD#) and the Analog Power input (AVDD).When input (PD#) is low while power is applied, the receivers
are disabled, the PLL is turned off and the differential clock outputs are Tri-Stated. When AVDD is grounded, the PLL
is turned off and bypassed for test purposes.
When the input frequency is less than the operating frequency of the PLL (appproximately 20MHz), the device will enter
a low power mode. An input frequency detection circuit on the differential inputs, independent from the input buffers,
will detect the low frequency condition and perform the same low power features as when the (PD#) input is low.When
the input frequency increases to greater than approximately 20 MHz, the PLL will be turned back on, the inputs and
outputs will be enabled and PLL will obtain phase lock between the feedback clock pair (FB_INT, FB_INC) and the input
clock pair (CLK_INC, CLK_INT).
General Description
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com