Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA52 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PA52
Description  Power Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA52 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PA52 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 9Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 10Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PA52 • PA52A
8
PA52U Rev J
Figure 7: Output Voltage Swing
Figure 8:
Figure 9: Power Response
Figure 10: Common Mode Rejection
Figure 11: Quiescent Current
10
8
6
4
2
0
020
30
40
50
10
Output Current, I
O
(A)
200
100
10
100k
1M
Frequency, F (Hz)
100
80
60
40
20
0
10
100
1k
10k
1M
100k
Frequency, F (Hz)
1.18
1.16
1.12
1.10
1.08
1.06
1.04
1.02
1
0
50
100
150
200
Total Supply Voltage, V
SS
(V)
1.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com