Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA52 Datasheet (PDF) - List of Unclassifed Manufacturers

PA52 Datasheet PDF - List of Unclassifed Manufacturers
Part # PA52
Download  PA52 Download
File Size   1671.06 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Power Operational Amplifiers

PA52 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA52 Datasheet PDF - List of Unclassifed Manufacturers

Part # PA52
Download  PA52 Click to download

File Size   1671.06 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Power Operational Amplifiers

PA52 Datasheet (HTML) - List of Unclassifed Manufacturers


PA52 Product details

FEATURES
• High Internal Dissipation — 400W
• High Current — 40A Continuous, 80A Peak
• High Slew Rate — 50V/μs
• Optional Boost Voltage Inputs

APPLICATIONS
• Semi-conductor Testing
• Brushless DC Motor Drive
• Voltage Controlled Current Source
• Electromagnetic Driver

DESCRIPTION
The PA52 is a MOSFET power operational amplifier that extends the performance limits of power amplifiers
in slew rate and power bandwidth, while maintaining high current and power dissipation ratings.
Boost voltage inputs allow the small signal portion of the amplifier to operate at a higher voltage than the
high current output stage. The amplifier is then biased to achieve close linear swings to the supply rails at
high currents for extra efficient operation.
The JEDEC MO-127 12-pin Power Dip™ package (see Package Outlines) is hermetically sealed and isolated
from the internal circuits. The use of compressible thermal washers and/or improper mounting torque will
void the product warranty. Please see Application Note 1, “General Operating Considerations”.




Similar Part No. - PA52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA52 APEX-PA52 Datasheet
210Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA52 CIRRUS-PA52 Datasheet
206Kb / 4P
Power Operational Amplifiers
logo
List of Unclassifed Man...
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
PA52-PZP ETC2-PA52-PZP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
logo
NIKO SEMICONDUCTOR CO.,...
PA520BA NIKOSEM-PA520BA Datasheet
277Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - PA52

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com