Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2014ASM Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2014ASM
Description  SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2014ASM Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2014ASM Datasheet HTML 1Page - Diodes Incorporated AP2014ASM Datasheet HTML 2Page - Diodes Incorporated AP2014ASM Datasheet HTML 3Page - Diodes Incorporated AP2014ASM Datasheet HTML 4Page - Diodes Incorporated AP2014ASM Datasheet HTML 5Page - Diodes Incorporated AP2014ASM Datasheet HTML 6Page - Diodes Incorporated AP2014ASM Datasheet HTML 7Page - Diodes Incorporated AP2014ASM Datasheet HTML 8Page - Diodes Incorporated AP2014ASM Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP2014/A
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
2 of 13
AP2014/A
www.diodes.com
© Diodes Incorporated
Ordering Information
AP2014A X X X
Package
Packing
SM: SOP-8L
Blank : Tube or bulk
-7/-13 : Taping
Lead-Free
Blank : Lead-Free
G : Green
Frequency
Blank : 200KHz
A : 400KHz
Pin Descriptions
Pin
Name
Pin
No.
Description
FB
1
This pin is connected directly to the output of the switching regulator via resistor divider to
provide feedback to the Error amplifier.
Vcc
2
This pin provides biasing for the internal blocks of the IC as well as power for the low side
driver. A minimum of 1uF, high frequency capacitor must be connected from this pin to
ground to provide peak drive current capability.
LDrv
3
Output driver for the synchronous power MOSFET.
GND
4
This pin serves as the ground pin and must be connected directly to the ground plane. A
high frequency capacitor (0.1 to 1uF) must be connected from V5 and V12 pins to this pin
for noise free operation.
HDrv
5
Output driver for the high side power MOSFET.
Vc
6
This pin is connected to a voltage that must be at least 4V higher than the bus voltage of the
switcher (assuming 5V threshold MOSFET) and powers the high side output driver. A
minimum of 1uF, high frequency capacitor must be connected from this pin to ground to
provide peak drive current capability.
Comp
7
Compensation pin of the error amplifier. An external resistor and capacitor network is
typically connected from this pin to ground to provide loop compensation.
SS
8
This pin provides soft-start for the switching regulator. An internal current source charges
an external capacitor that is connected from this pin to ground which ramps up the output of
the switching regulator, preventing it from overshooting as well as limiting the input current.
The converter can be shutdown by pulling this pin below 0.5V.
7” Tape and Reel
13” Tape and Reel
Device
Package
Code
Packaging
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP2014SM
SM
SOP-8L
3000/Tape & Reel
-7
10,000/Tape &
Reel
-13
AP2014ASM
SM
SOP-8L
3000/Tape & Reel
-7
10,000/Tape &
Reel
-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com