Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2014ASM Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2014ASM
Description  SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2014ASM Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2014ASM Datasheet HTML 1Page - Diodes Incorporated AP2014ASM Datasheet HTML 2Page - Diodes Incorporated AP2014ASM Datasheet HTML 3Page - Diodes Incorporated AP2014ASM Datasheet HTML 4Page - Diodes Incorporated AP2014ASM Datasheet HTML 5Page - Diodes Incorporated AP2014ASM Datasheet HTML 6Page - Diodes Incorporated AP2014ASM Datasheet HTML 7Page - Diodes Incorporated AP2014ASM Datasheet HTML 8Page - Diodes Incorporated AP2014ASM Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP2014/A
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
1 of 13
AP2014/A
www.diodes.com
© Diodes Incorporated
•
Synchronous PWM DC-DC Controller in an 8-Pin
Package
•
Operating with single 5V or 12V supply voltage
•
Internal 200KHz Oscillator (400KHz for AP2014A)
•
Soft-Start Function
•
Fixed Frequency Voltage Mode
•
500mA Peak Output Drive Capability
•
Output protected when control FET is shorted
•
SOP-8L Pb-Free and Green (under development)
packages
The AP2014 PWM DC-DC controller IC is designed to provide a
low cost synchronous Buck regulator for on-board DC to DC
converter applications. With the migration of today’s ASIC
products requiring low supply voltages such as 1.8V and lower,
together with currents in excess of 3A, traditional linear regulators
are simply too lossy to be used when input supply is 5V or even
in some cases with 3.3V input supply. The AP2014 together with
dual N-channel MOSFETs such as AF9410, provide a low cost
solution for such applications. This device features an internal
200KHz oscillator (400KHz for "A" version), under-voltage
lockout for both Vcc and Vc supplies, an external programmable
soft-start function as well as output under-voltage detection that
latches off the device when an output short is detected.
•
Graphic Card
•
Hard Disk Drive
•
DDR memory source sink Vtt application
•
Low cost on-board DC to DC such as 5V to 3.3V, 2.5V or 1.8V
SOP-8L
1
2
3
45
6
7
8
(Top View)
Vcc
GND
AP2014/A
LDrv
HDrv
Vc
Comp
FB
SS
Features
General Description
Applications
Pin Assignments


Similar Part No. - AP2014ASM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014ASG-13 DIODES-AP2014ASG-13 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASL-13 DIODES-AP2014ASL-13 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
More results

Similar Description - AP2014ASM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
Synchronous Buck PWM DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com