Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1127 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1127
Description  3A Bus Terminator Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1127 Datasheet(HTML) 1 Page - Anachip Corp

  AP1127 Datasheet HTML 1Page - Anachip Corp AP1127 Datasheet HTML 2Page - Anachip Corp AP1127 Datasheet HTML 3Page - Anachip Corp AP1127 Datasheet HTML 4Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3A Bus Terminator Regulator
AP1127
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Jan 17, 2005
1/4
Features
- Ideal for DDR-I and DDR-II
- Source and sink up to 3A, no heat sink required
- Integrated power MOSFETs
- Programmable output voltage by external resistors
- Output voltage could go down to 0.6V
- Iccq at VCCA less than 500uA
- Current limit protection and Short Circuit
protection
- Thermal shutdown protection
- Shutdown for standby or suspend mode operation
- Minimum external components
- 5-Lead TO252 Pb-free Package
Applications
- Mother Board
- PCI/AGP Graphics
- Game/Play Station
- Set Top Box
- SCSI-III Bus Terminator
- IPC
General Description
The AP1127 is a low cost linear regulator designed
to provide a desired output voltage or termination
voltage for various applications by converting
voltage supplies ranging from 1.6V to 6.0V. The
desired output voltage could be programmable by
two external voltage divider resistors.
The AP1127 is capable of sourcing or sinking up to
3A of current while regulating an output VOUT
voltage to within 2% (DDR-I), 3%(DDR-II) or less.
The AP1127 provides low profile 5-lead TO-252
package to save system space.
Pin Assignment
5
3
1V
IN
V
OUT
GND
TO252-5L
( Top View )
2
4
VCCA
REFEN
Pin Descriptions
Pin
Name
Pin
No.
Descriptions
VIN
1
Input Power
VOUT
2
Output Voltage
GND
3
Ground
REFEN
4
Reference Voltage Input and Chip
Enable
VCCA
5
Voltage Supply for Internal Circuits
Ordering Information
AP1127 X X
Package
D: TO252-5L
Packing
Blank : Tube
A
: Taping


Similar Part No. - AP1127

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
MMIC
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 1.0 Aug.17, 2004
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1120 DIODES-AP1120 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1120S DIODES-AP1120S Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
More results

Similar Description - AP1127

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
3A Bus Termination Regulator
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
3A BUS TERMINATOR
logo
Anachip Corp
AP1128 ANACHIP-AP1128 Datasheet
233Kb / 7P
3A Bus Terminator Regulator
Rev.1.0 Jul 20, 2005
logo
List of Unclassifed Man...
CM8500A ETC1-CM8500A Datasheet
409Kb / 13P
3A BUS TERMINATOR
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
3A BUS TERMINATOR
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com