Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1127DA Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1127DA
Description  3A Bus Terminator Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1127DA Datasheet(HTML) 2 Page - Anachip Corp

  AP1127DA Datasheet HTML 1Page - Anachip Corp AP1127DA Datasheet HTML 2Page - Anachip Corp AP1127DA Datasheet HTML 3Page - Anachip Corp AP1127DA Datasheet HTML 4Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3A Bus Terminator Regulator
AP1127
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jan 17, 2005
2/4
Typical Circuit
V
OUT
VCCA
GND
V
IN
REFEN
C
VCCA
10uF
C
IN
470uF
C
OUT
200uF
V
OUT
R1
R2
100K
100K
CSS
1uF
Q1
EN
V
IN
VCCA
Block Diagram
Control
V
IN
Current Limit
Protection
Thermal
+
-
REFEN
VCCA
V
OUT
GND
Absolute Maximum Ratings (Note 1)
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
7
V
VCCA
Voltage Supply for internal circuits
7
V
IOUT
Output RMS Current, Source or Sink
3
A
TSTG
Storage Temperature
-65 to 125
oC
TLead
Lead Temperature (Soldering, 5 sec)
260
oC
θJC
Thermal Resistance
7.7
oC/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com