Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1127DA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1127DA
Description  3A Bus Terminator Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1127DA Datasheet(HTML) 3 Page - Anachip Corp

  AP1127DA Datasheet HTML 1Page - Anachip Corp AP1127DA Datasheet HTML 2Page - Anachip Corp AP1127DA Datasheet HTML 3Page - Anachip Corp AP1127DA Datasheet HTML 4Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3A Bus Terminator Regulator
AP1127
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jan 17, 2005
3/4
Electrical Characteristics
Unless otherwise stated, these specifications apply TA=25
oC; VIN=+2.5V and VCCA=+3.3V, VREFEN=1.25V) maximum ratings are stress
ratings only and functional device operating is not implied. (Note 1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOS
Output Offset Voltage
IOUT=0A (Note 2)
-20
-
20
mV
IOP
Operating Current at VIN
No load, COUT=200uF
-
-
1
mA
IL: 0A~3A
-
0.8/1.2
2/3
∣
∆VLOAD∣ Load Regulation (DDR I/II)
IL: 0A~3A
-
0.8/1.2
2/3
%
ICCQ
Quiescent Current at VCCA
At room temp.
-
190
230
µA
ISHDN
Current in Shutdown Mode
REFEN < 0.2V,
RL=10Ω
-
90
110
µA
VIN
Input Voltage Range (Note 3)
No load
1.35/1
2.5/1.8
6
V
VCCA
Input Voltage Range (Note 3)
RL=10Ω
3.75
-
6
V
Short Circuit Protection
ILIMIT
Current Limit
-
5
-
A
ISC, VIN
Short Current
Sinking
2
-
-
A
ISC, GND
Short Current
Sourcing
3
-
-
A
Over Thermal Protection
THSD
Thermal Shutdown Temperature 3.75V
≤ VCCA ≤ 6V
125
150
-
oC
Thermal Shutdown Hysteresis
25
30
35
oC
REFEN Function
REFEN Threshold
VREFEN < VIN
VREFEN < VCCA-2.5V
0.4
0.5
0.6
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2: VOS=VREFEN-VOUT
Note 3: Keep VCCA
≥ VIN and VCCA ≥ VREFEN + 2.5V on operation power on and power off sequences.
Note 4: Guaranteed by design, not 100% test.
Function Description
The AP1127 is a linear regulator that is capable of
sinking and sourcing 3A of current without an
external heat sink.
The AP1127 integrates power MOSFETs that are
capable of source and sink 3A of current while
maintaining excellent voltage regulation. The output
voltage can be regulated within 3% or less by using
the external feedback. Separate voltage supply
inputs have been added to fit applications with
various power supplies for the data bus and power
buses.
Outputs
The output voltage pins (VOUT) are tied to the data
bus, address, or clock lines via an external inductor.
Output voltage is determined by the VIN.
Inputs
The input voltage pins (VIN) determine the output
voltages (VOUT). At AP1127, the desired output
voltage could be programmable by two external
voltage divider resistors. VIN is suggested to connect
to VDDQ of memory module for better tracking with
memory VDDQ.
Other Supply Voltages
VCCA provide the voltage supply to the logic section
and internal error amplifiers of AP1127.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com