Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52C18LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZT52C18LP
Description  SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C18LP Datasheet(HTML) 1 Page - Diodes Incorporated

  BZT52C18LP Datasheet HTML 1Page - Diodes Incorporated BZT52C18LP Datasheet HTML 2Page - Diodes Incorporated BZT52C18LP Datasheet HTML 3Page - Diodes Incorporated BZT52C18LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
DS30506 Rev. 11 - 2
1 of 4
BZT52C5V1LP - BZT52C24LP
www.diodes.com
© Diodes Incorporated
•
Ultra-Small Leadless Surface Mount Package
•
Ideally Suited for Automated Assembly Processes
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 3)
@ IF = 10mA
VF
0.9
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Mechanical Data
BZT52C5V1LP - BZT52C24LP
SURFACE MOUNT ZENER DIODE
•
Case: DFN1006-2
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: Cathode Dot (See marking
information)
•
Terminals: Finish
 NiPdAu annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking: See Electrical Characteristics Table, Dot Denotes
Cathode Side (See marking information)
•
Ordering Information: See Page 3
•
Weight: 0.001 grams
Features
Characteristic
Symbol
Value
Unit
Power Dissipation
Pd
250
mW
Thermal Resistance, Junction to Ambient Air
RθJA
500
°C/W
Thermal Characteristics @ TA = 25°C unless otherwise specified
DFN1006-2
Dim
Min
Max
Typ
A
0.95
1.075
1.00
B
0.55
0.675
0.60
C
0.45
0.55
0.50
D
0.20
0.30
0.25
G
0.47
0.53
0.50
H
0
0.05
0.03
N
0.40
R
0.05
0.15
0.10
All Dimensions in mm
D
G
H
B
C
R
N
A
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Short duration pulse test used to minimize self-heating effect.
SPICE MODELS: BZT52C24LP BZT52C5V1LP BZT52C5V6LP BZT52C6V2LP BZT52C6V8LP BZT52C7V5LP BZT52C8V2LP BZT52C9V1LP BZT52C10LP
BZT52C11LP BZT52C12LP BZT52C13LP BZT52C15LP BZT52C16LP BZT52C18LP BZT52C20LP BZT52C22LP


Similar Part No. - BZT52C18LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C18LP MCC-BZT52C18LP Datasheet
397Kb / 4P
250 mW Zener Diode 2.4 to 39 Volts
logo
Diodes Incorporated
BZT52C18LP DIODES-BZT52C18LP Datasheet
87Kb / 5P
Ultra-Small Leadless Surface Mount Package Ideally Suited for Automated Assembly Processes
Rev 18
logo
Micro Commercial Compon...
BZT52C18LP MCC-BZT52C18LP Datasheet
450Kb / 4P
100 mW Zener Diode 2.4 to 39 Volts
More results

Similar Description - BZT52C18LP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com