Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52C18LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZT52C18LP
Description  SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C18LP Datasheet(HTML) 2 Page - Diodes Incorporated

  BZT52C18LP Datasheet HTML 1Page - Diodes Incorporated BZT52C18LP Datasheet HTML 2Page - Diodes Incorporated BZT52C18LP Datasheet HTML 3Page - Diodes Incorporated BZT52C18LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30506 Rev. 11 - 2
2 of 4
BZT52C5V1LP - BZT52C24LP
www.diodes.com
Type
Number
Marking
Codes
Zener Voltage Range
(Note 4)
Maximum Zener
Impedance (Note 5)
Maximum
Reverse
Current
(Note 4)
Typical
Temperature
Coefficient
@ IZTC
mV/
°C
Test
Current
IZTC
VZ @ IZT
IZT
ZZT @ IZT ZZK @ IZK
IZK
IR
@ VR
Nom (V)
Min (V) Max (V)
mA
Ω
mA
uA
V
Min
Max
mA
BZT52C5V1LP
9Y
5.1
4.8
5.4
5
60
480
1.0
2.0
2.0
-2.7
1.2
5
BZT52C5V6LP
9A
5.6
5.2
6.0
5
40
400
1.0
1.0
2.0
-2
2.5
5
BZT52C6V2LP
9B
6.2
5.8
6.6
5
10
150
1.0
3.0
4.0
0.4
3.7
5
BZT52C6V8LP
9C
6.8
6.4
7.2
5
15
80
1.0
2.0
4.0
1.2
4.5
5
BZT52C7V5LP
9D
7.5
7.0
7.9
5
15
80
1.0
1.0
5.0
2.5
5.3
5
BZT52C8V2LP
9E
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
5
BZT52C9V1LP
9F
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
5
BZT52C10LP
9G
10
9.4
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
5
BZT52C11LP
9H
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
5
BZT52C12LP
9J
12
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
5
BZT52C13LP
9K
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
5
BZT52C15LP
9L
15
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
5
BZT52C16LP
9M
16
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
5
BZT52C18LP
9N
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
5
BZT52C20LP
9P
20
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
5
BZT52C22LP
9R
22
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
5
BZT52C24LP
9S
24
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
5
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
4. Short duration test pulse used to minimize self-heating effect.
5. f = 1kHz.
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
V , ZENER VOLTAGE (V)
Z
Fig. 1 Zener Breakdown Characteristics
T = 25°C
j
C5V6LP
C6V8LP
C8V2LP
C6V2LP
Test Current I
Z
5.0mA
0
10
20
30
0
V , ZENER VOLTAGE (V)
Z
Fig. 2 Zener Breakdown Characteristics
10
20
30
T = 25°C
j
Test current I
Z
5mA
C10LP
C12LP
C18LP
C22LP
C15LP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com