Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB480 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB480
Description  USB 480 Power Protocol Analyzer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB480 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB480 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB480 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering information
Beagle USB 480 Power Protocol Analyzer - Standard Edition
Part Number
TP323510
Beagle USB 480 Power Protocol Analyzer - Ultimate Edition
(includes USB 2.0 Advanced Triggers Upgrade)
Part Number
TP323610
USB 2.0 Advanced Triggers Upgrade
Part Number
TP323710
Country of Origin
USA
HTS
9030890100
ECCN
EAR99
+1 (408) 850-6501
| sales@totalphase.com | www.totalphase.com
©2013 Total Phase, Inc. All rights reserved.
R20140324
Hardware
USB 2.0 Monitoring:
High Speed, 480 Mbps
Full Speed, 12 Mbps
Low Speed, 1.5 Mbps
Target Device Port:
USB 2.0 Type A receptacle
Target Host Port:
USB 2.0 Type B receptacle
Analysis Port (connects to PC):
USB 2.0 Type B receptacle
Analyzer is bus-powered
Digital I/O Port:
Mini DIN 9 connector
4 inputs, 4 outputs, 1 ground
Digital inputs are rated for 3.3 V and max 30 MHz
Digital outputs are rated for 3.3 V and 10 mA
Current/Voltage Measurement:
Peak Current: 3 A (transient)
Peak Voltage: 20 V (transient)
Dimensions:
W x D x L: 70 mm x 26 mm x 114 mm
(2.76 in x 1.02 in x 4.49 in)
Weight:
97.5 g (0.21 lbs)
Operating Temperature:
10 to 35 C (50 to 95 oF)
Software
The Data Center™ Software is a bus monitoring software
application that displays captured USB, I2C, SPI, and
CAN bus data in true real-time through the Beagle™ line
of hardware protocol analyzers and the Komodo™ line of
CAN interfaces.
Data Center Software Features
• Real-time VBUS current/voltage monitoring
• Interactive correlation of current/voltage with USB
data
• USB 2.0 advanced user-defined triggers available
• LiveDisplay™ technology allows for capture and
display of current/voltage readings and USB traffic
• LiveFilter™ and LiveSearch™ tools allow for real-time
interactive filtering and searching
• Real-time USB class-level decoding
• Collaborate easily by sharing capture files
Beagle API
• Create your own custom applications using the
flexible, powerful, and well-documented Beagle API
• Supported languages: C/C++/C#, Python, .NET,
VB.NET, Visual Basic 6
Supported Operating Systems (32-bit and 64-bit)
• Windows: XP, Vista, 7, 8, 8.1
• Linux: Red Hat, SuSE, Ubuntu, Fedora, Arch,
CentOS, Debian
Beagle™ USB 480 Power Protocol Analyzer
Applications
Audio
Bridges
Cameras
HID
Hubs
Mass Storage
Mobile Broadband
Mobile Phones
Music Players
Tablets
Video
Specifications
USB 2.0 Advanced Triggers
VBUS Current/Voltage Monitor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com