Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB480 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB480
Description  USB 480 Power Protocol Analyzer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB480 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB480 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB480 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Enabling Your Competitive Edge
Beagle™
USB 480 Power
Protocol Analyzer
Key Features
Current/Voltage Monitor
• Real-time graphing of VBUS current
and voltage values
• Interactive and bi-directional correla-
tion of current/voltage values with
USB data
USB 2.0 Advanced Triggers1
• Create state-based and flexible
trigger conditions based on data
patterns, packet types, error types,
events, and other criteria
• Hardware packet filtering
• Up to eight independent states and
six matches per state for USB 2.0
captures
• Digital inputs and outputs to
synchronize with oscilloscopes or
logic analyzers
High-Performance HW Buffer
• 256 MB capacity
• Large circular buffer
Real-Time Non-Intrusive
Monitoring
• Real-time data analysis and display
• Automatic bus speed detection
• Low/Full/High-Speed USB 2.0
• Capture traces to >25 GB
Real-Time USB Class-Level
Decoding
• HID, Audio, Video, Still Image,
Printer
• Mass Storage, Hub
• Network, Mobile, CDC
Quality
• CE, REACH, RoHS, ISO9001
• One year warranty
As USB devices continue to grow in number and complexity, devel-
opers need their monitoring and analysis tools to keep pace. The
Beagle™ USB 480 Power Protocol Analyzer enables your competitive
edge with its unique, powerful features and a price that is a fraction
of competing equipment.
The Beagle USB 480 Power Protocol Analyzer Series enables VBUS
current and voltage measurement within our industry-leading Data
Center software. The enhanced USB 2.0 advanced triggering, extra-
large hardware buffer, and one-click correlation of voltage and cur-
rent measurement to protocol-level activity ensures that engineers can
take advantage of our unique real-time data analysis and display,
enabling them to easily debug the functionality of their embedded
systems while also optimizing the power profile of their applications.
Link VBUS Current/Voltage
Measurements with USB Data
Other than DMMs and oscilloscopes,
few tools are dedicated to measuring
current and voltage of USB VBUS – and
even fewer link these measurements
with captured USB data. The Beagle
USB 480 Power Protocol Analyzer cor-
relates current and voltage data with
USB traffic at the click of a mouse button.
Create USB 2.0 Advanced
Triggers and Filters
Build flexible state-based event triggers
with up to eight independent states and
six matches per state for USB 2.0 cap-
tures. Developers can now trigger the
capture, filter data, or set external trig-
gers by matching data patterns, packet
types, error types, events, and other criteria.
Host-Side Use Case
Developers of host-related products
such as rechargeable batteries, tab-
lets, and laptops can verify their VBUS
current/voltage output, and monitor
any effects caused by the attachment
of various peripheral devices.
Device-Side Use Case
There is a plethora of USB peripher-
als on the market, each with its own
specific power consumption profile.
Developers of peripherals such as
web cameras, HID devices, mobile
devices, and portable mass storage
devices can verify how much current
and voltage their devices consume,
with respect to timing and USB data.
1
Available with USB 2.0 Advanced Triggers Upgrade or
Beagle USB 480 Power Protocol Analyzer - Ultimate Edition


Similar Part No. - USB480

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4800 GCT-USB4800 Datasheet
193Kb / 2P
USB Type C Receptacle for USB 2.0, SMT, Horizontal, 3.50mm Elevated Top Mount, 16Pin
5th July 2022
USB4800-03-A GCT-USB4800-03-A Datasheet
193Kb / 2P
USB Type C Receptacle for USB 2.0, SMT, Horizontal, 3.50mm Elevated Top Mount, 16Pin
5th July 2022
More results

Similar Description - USB480

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
USB-T0S3 TELEDYNE-USB-T0S3 Datasheet
641Kb / 2P
SuperSpeed USB Analyzer
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
Tektronix PCI Express Logic Protocol Analyzer
logo
Keysight Technologies
U4421A KEYSIGHT-U4421A Datasheet
1Mb / 15P
U4421A MIPI짰 D-PHY??Protocol Exerciser/Analyzer
U4431A KEYSIGHT-U4431A Datasheet
3Mb / 10P
MIPI M-PHY Protocol Analyzer
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
Saleae Logic USB Logic Analyzer
4/19/2012
logo
Keysight Technologies
N4230A KEYSIGHT-N4230A Datasheet
3Mb / 10P
MIPI M-PHY Protocol Analyzer
N8837A KEYSIGHT-N8837A Datasheet
1Mb / 11P
USB-PD Protocol Triggering
N8840A KEYSIGHT-N8840A Datasheet
3Mb / 18P
USB Power Delivery Electrical and Protocol
N5464B KEYSIGHT-N5464B Datasheet
3Mb / 9P
USB and HSIC Protocol
logo
Shenzhen Huazhimei Semi...
HM7901 HMSEMI-HM7901 Datasheet
859Kb / 8P
USB charging protocol port controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com