Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTVP02R Datasheet(PDF) 30 Page - Amphenol Corporation

Part # CTVP02R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTVP02R Datasheet(HTML) 30 Page - Amphenol Corporation

Back Button CTVP02R Datasheet HTML 26Page - Amphenol Corporation CTVP02R Datasheet HTML 27Page - Amphenol Corporation CTVP02R Datasheet HTML 28Page - Amphenol Corporation CTVP02R Datasheet HTML 29Page - Amphenol Corporation CTVP02R Datasheet HTML 30Page - Amphenol Corporation CTVP02R Datasheet HTML 31Page - Amphenol Corporation CTVP02R Datasheet HTML 32Page - Amphenol Corporation CTVP02R Datasheet HTML 33Page - Amphenol Corporation CTVP02R Datasheet HTML 34Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
28
D
.374 MAX
9.50 MAX
OUTER SLEEVE MOVEMENT
DURING UNMATING THREAD RELEASE
LANYARD
PULLED TAUT
AGAINST A
.500 ±.031
12.70 ±.79
DIA MANDREL
V THREAD
METRIC
1.781 MAX
45.24 MAX
2.375 MAX
60.33 MAX
BLUE BAND†
B
.359 MAX
9.12 MAX
LANYARD LENGTH
(See Lanyard Length Table)
D38999/29 & D38999/30
TV Breakaway Fail Safe – crimp, metal
lanyard release plug
† Blue band indicates rear release contact retention system
MS
D Max
V
Shell
Shell Size
B
Accessory
Thread
Size
Code
Max
Dia.
Metric
11
B
46.89
28.17
M15X1.0-6g
13
C
50.09
31.75
M18X1.0-6g
15
D
52.81
34.93
M22X1.0-6g
17
E
56.01
38.10
M25X1.0-6g
19
F
58.45
41.28
M28X1.0-6g
21
G
62.79
44.45
M31X1.0-6g
23
H
65.89
47.63
M34X1.0-6g
25
J
68.71
50.08
M37X1.0-6g
Millimeters
All dimensions for reference only
MS
D
Shell
Shell Size
B
Max
Size
Code
Max
Accessory Dia.
11
B
1.846
1.109
13
C
1.972
1.250
15
D
2.079
1.375
17
E
2.205
1.500
19
F
2.301
1.625
21
G
2.472
1.750
23
H
2.594
1.875
25
J
2.705
2.000
Inches
Part number reference.
See how to order, pages 29, 30
to complete.
D38999/29 (Pins Only)
D38999/30 (Sockets Only)
88-5565XX-XX
91-5565XX-XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com