Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTVP02R Datasheet(PDF) 49 Page - Amphenol Corporation

Part # CTVP02R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTVP02R Datasheet(HTML) 49 Page - Amphenol Corporation

Back Button CTVP02R Datasheet HTML 45Page - Amphenol Corporation CTVP02R Datasheet HTML 46Page - Amphenol Corporation CTVP02R Datasheet HTML 47Page - Amphenol Corporation CTVP02R Datasheet HTML 48Page - Amphenol Corporation CTVP02R Datasheet HTML 49Page - Amphenol Corporation CTVP02R Datasheet HTML 50Page - Amphenol Corporation CTVP02R Datasheet HTML 51Page - Amphenol Corporation CTVP02R Datasheet HTML 52Page - Amphenol Corporation CTVP02R Datasheet HTML 53Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
47
Tri-Start
weight comparisons (composite vs. metal)
Wall Mount Receptacle (00)
Jam Nut Receptacle (07)
Plug (06)
Size/
Stainless
Stainless
Stainless
Arrange-
Steel
Aluminum
Composite
Steel
Aluminum
Composite
Steel
Aluminum
Composite
ment
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
9-35
.7216
.7840
.3248
.3777
.2588
.3121 1.1472 1.2096
.4416
.5040
.3489
.4413 1.0736 1.1360
.4236
.4625
.2606
.2994
9-98
.7216
.7776
.2496
.3056
.1664
.2224 1.1472 1.2032
.4416
.4976
.3744
.4640 1.0736 1.1296
.3968
.4624
.2991
.2337
11-35
.9488 1.0800
.3632
.4960
.2753
.4081 1.4304 1.5632
.5936
.7264
.4679
.6007 1.2480 1.3808
.5312
.6389
.3450
.4582
11-98
.9488 1.0620
.3632
.4768
.2753
.3889 1.4304 1.5440
.5936
.7072
.4679
.5815 1.2480 1.3616
.5330
.6283
.3468
.4457
13-8
1.2096 1.3888
.4800
.6592
.3696
.5488 1.9104 2.0896
.7664
.9456
.6560
.8352 1.8048 1.9840
.7936
.9728
.5237
.5952
13-35
1.2160 1.4320
.4864
.7024
.3762
.5922 1.9168 2.1328
.7728
.9888
.6136
.8296 1.8112 2.0272
.8000
.8472
.5301
.6531
13-98
1.2160 1.4016
.4864
.6720
.3762
.5618 1.9168 2.1024
.7728
.9584
.6136
.7992 1.8112 1.9968
.7978
.9856
.5244
.7157
15-5
1.5312 1.7904
.6352
.8944
.5027
.7619 2.3792 2.6384
.9728 1.2320
.7749 1.0341 2.2704 2.5456
.9632 1.1719
.6450
.8467
15-18
1.5456 1.8416
.7760
.9456
.6432
.8128 2.3936 2.6896
.9872 1.2832
.8544 1.1504 2.2848 2.5808
.9776 1.2736
.6594
.8208
15-35
1.5424 1.8768
.6464
.9808
.5139
.8483 2.3904 2.7344
.9840 1.3280
.7861 1.1301 2.2816 2.6256 1.2179 1.3184
.8961
1.0002
17-6
2.1488 2.5904
.9360 1.3776
.7812 1.2228 2.9152 3.3568 1.2336 1.6752
.9940 1.4356 2.5008 3.1024 1.1408 1.7424
.8160
1.4176
17-26
2.1344 2.5600
.9216 1.3472
.7668 1.1924 2.9008 3.3264 1.2192 1.6448
.9796 1.4052 2.4864 2.9120 1.1264 1.3343
.8017
.8062
17-35
2.1360 2.6640
.9232 1.4512
.7684 1.2964 2.9024 3.4304 1.2208 1.7488
.9812 1.5092 2.4880 3.0160 1.1280 1.5497
.8033
1.2144
19-11
2.2592 2.6656
.9696 1.4528
.7925 1.2757 3.4352 3.9184 1.4720 1.9552 1.2033 1.6865 2.9808 3.4640 1.3472 1.8304
.9632
1.4464
19-32
2.1888 2.7264
.9760 1.5136
.7989 1.3365 3.4416 3.9792 1.4784 2.0160 1.2097 1.7473 2.9872 3.5248 1.3536 1.8912
.9696
1.5072
19-35
2.1920 2.8432
.9792 1.6304
.8021 1.4533 3.4448 4.0960 1.4816 2.1328 1.2129 1.8641 2.9904 3.6416 1.3568 2.0080
.9728
1.6240
21-11
2.7456 3.4640 1.3088 2.0272 1.1088 1.8272 3.9712 4.6896 1.8128 2.5312 1.6128 2.3312 3.4448 4.1632 1.7344 2.5312 1.3039
1.8710
21-16
2.6784 3.3168 1.2416 1.8800 1.0422 1.6806 3.9040 4.5424 1.7456 2.3840 1.4505 2.0889 3.3776 4.0160 1.6672 2.3168 1.2352
1.8736
21-35
2.6672 3.4992 1.2304 2.0624 1.0310 1.8630 3.8928 4.7248 1.7344 2.5664 1.4393 2.2713 3.3664 4.1984 1.6560 2.2309 1.2255
1.8003
21-41
2.6768 3.3600 1.2400 1.9232 1.0406 1.7238 3.9024 4.5856 1.7440 2.4272 1.4489 2.1321 3.3760 3.5792 1.6656 1.8688 1.2336
1.4368
23-21
3.0352 3.8624 1.4496 2.2768 1.2279 2.0551 4.2368 5.0640 1.9440 2.7712 1.6368 2.4640 3.7920 4.6192 1.9216 2.7488 1.4637
2.2896
23-35
3.0240 4.0448 1.4384 2.4592 1.2167 2.2375 4.2256 5.2464 1.9328 2.9536 1.6256 2.6464 3.7808 4.8016 1.9104 2.6087 1.4525
2.1507
23-53
2.8992 3.9072 1.4560 2.4816 1.2343 2.2599 4.2432 5.1088 1.9504 2.8160 1.6432 2.5088 3.7984 4.6640 1.9280 2.7936 1.4672
2.2384
25-4
3.4512 4.4800 1.7312 2.8816 1.4864 2.1904 4.8048 5.8272 2.2016 3.2480 1.9568 2.8720 4.2224 5.2496 2.2128 3.2560 1.7133
2.4163
25-19
3.5312 4.7264 1.8112 3.0064 1.5664 2.7616 4.8848 6.0816 2.2816 3.4784 2.0368 3.2336 4.3024 5.4992 2.2928 3.4896 1.7933
2.7058
25-20
3.8190 4.7150 2.0173 3.1125 1.7733 2.8512 5.1430 6.0380 2.4877 3.5421 2.1872 3.2416 4.4350 5.3300 2.2580 3.0182 1.8288
2.8928
25-35
3.4416 4.6656 1.7216 2.9456 1.4776 2.7016 4.7952 6.0192 2.1920 3.4160 1.8915 3.1155 4.2128 5.4368 2.2032 3.4272 1.7037
2.9277
25-61
3.4304 4.4848 1.7282 2.7648 1.4841 2.5208 4.7840 5.8384 2.1808 3.2352 1.8803 2.9347 4.2016 5.2560 2.1920 3.2464 1.6912
2.7456
Tri-Start Weight in ounces (includes contacts)
All weight measurements are for reference only.
Depending on the shell style, shell size and contact count, weight savings can range
from 17% to 40% compared to standard aluminum product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com