Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV07R Datasheet(PDF) 39 Page - Amphenol Corporation

Part # TV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

TV07R Datasheet(HTML) 39 Page - Amphenol Corporation

Back Button TV07R Datasheet HTML 35Page - Amphenol Corporation TV07R Datasheet HTML 36Page - Amphenol Corporation TV07R Datasheet HTML 37Page - Amphenol Corporation TV07R Datasheet HTML 38Page - Amphenol Corporation TV07R Datasheet HTML 39Page - Amphenol Corporation TV07R Datasheet HTML 40Page - Amphenol Corporation TV07R Datasheet HTML 41Page - Amphenol Corporation TV07R Datasheet HTML 42Page - Amphenol Corporation TV07R Datasheet HTML 43Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
37
Tri-Start – accessories
cable clamps
* To complete order number, see suffix chart below. Examples:
Clamp with metal couplng nut for shell size 11 with olive drab cadmium nickel base, 10-552681-119.
10-No
Finish
Suffix
Olive drab, cadmium,
-XX9
nickel base
Electroless nickel
-XXG
F1
F2
MS
Min.
Max.
FF
KK
Shell
Shell Size
Dia.
Dia.
L
U
Dia.
Dia.
LL
Size
Code
Cable
Cable
Max.
Max.
Max.
Max.
Max.
9
A
.094
.203
1.431
.656
.347
.629
1.015
11
B
.141
.250
1.431
.688
.394
.756
1.062
13
C
.172
.323
1.431
.750
.467
.883
1.125
15
D
.203
.422
1.431
.859
.566
1.011
1.328
17
E
.234
.500
1.431
.937
.644
1.138
1.392
19
F
.265
.562
1.431
1.000
.706
1.265
1.453
21
G
.297
.625
1.492
1.062
.769
1.393
1.609
23
H
.328
.703
1.492
1.141
.847
1.488
1.656
25
J
.359
.765
1.492
1.203
.909
1.616
1.719
MS
F1
F2
VFF
KK
Shell
Shell Size
Min. Dia.
Max. Dia.
L
U
Thread
Dia.
Dia.
LL
Size
Code
Cable
Cable
Max.
Max.
Metric
Max.
Max.
Max.
9
A
2.39
5.16
36.35
16.66
M12X1-6H
8.81
15.98
25.78
11
B
3.58
6.35
36.35
17.48
M15X1-6H
10.01
19.20
26.97
13
C
4.37
8.20
36.35
19.05
M18X1-6H
11.86
22.43
28.58
15
D
5.16
10.72
36.35
21.82
M22X1-6H
14.38
25.68
33.73
17
E
5.94
12.70
36.35
23.80
M25X1-6H
16.36
28.91
35.36
19
F
6.73
14.27
36.35
25.40
M28X1-6H
17.93
32.13
36.91
21
G
7.54
15.88
37.90
26.97
M31X1-6H
19.53
35.38
40.87
23
H
8.83
17.86
37.90
28.98
M34X1-6H
21.51
37.80
42.06
25
J
9.12
19.43
37.90
30.56
M37X1-6H
23.09
41.05
43.66
Millimeters
Inches
All dimensions for reference only.
FF
L
KK
V THREAD
.270 +.010
–.020
6.86 +.25
–.51
.270 +.010
–.020
6.86 +.25
–.51
V THREAD
KK
FF
LL
U
VIEW AT A
F1
F2
F1
F2
A
Straight Style
*10-552681-XXX metal coupling
90 Degree Elbow Style
*10-552682-XXX metal coupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com