Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV07R Datasheet(PDF) 18 Page - Amphenol Corporation

Part # TV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

TV07R Datasheet(HTML) 18 Page - Amphenol Corporation

Back Button TV07R Datasheet HTML 14Page - Amphenol Corporation TV07R Datasheet HTML 15Page - Amphenol Corporation TV07R Datasheet HTML 16Page - Amphenol Corporation TV07R Datasheet HTML 17Page - Amphenol Corporation TV07R Datasheet HTML 18Page - Amphenol Corporation TV07R Datasheet HTML 19Page - Amphenol Corporation TV07R Datasheet HTML 20Page - Amphenol Corporation TV07R Datasheet HTML 21Page - Amphenol Corporation TV07R Datasheet HTML 22Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
16
M
M
.005
.13
T
4 PLACES
TT
4 PLACES
S
2 PLACES
2 PLACES
2 PLACES
R1
R2
V THREAD
AA
B
THREAD
LL (TV)
LL (CTV)
1
M (TV)
M (CTV)
1
L (TV)
L (CTV)
1
1.240 MAX
31.50 MAX
RED
BAND†
BLUE
BAND††
–A–
Z (TV)
Z (CTV)
1
.861 MAX
21.87 MAX
(TV)
.909 MAX
23.09 MAX
(CTV)
1.037 MAX
26.34 MAX
(TV)
1.084 MAX
27.53 MAX
(CTV)
D
VIEW D
FOR SIZE 8 TWINAX ONLY,
RELATIVE TO
VIEW D
FOR SIZE 8 COAXIAL ONLY,
RELATIVE TO
–A–
–A–
TVP00R (D38999/20) – crimp, metal
CTVP00R (D38999/20) – crimp, composite
wall mounting receptacle
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system
MS
B Thread
M
M1
A1 Dia. A2 Dia.
AA
LL
Shell
Class 2A
L
L1
+.000 +.000
Z
Z1
Back
Front
Max.
+.006
LL1
Shell
Size
0.1P-0.3L-TS Max.
Max. –.005 –.005
R1
R2
S
T
Max.
Max
Panel Panel
Panel
–.000 ±.005
TT
Size
Code
(Plated)
(TV)
(CTV)
(TV)
(CTV)
Max. ±.008 (TV)
(CTV) Mount Mount Thickness (TV)
(CTV) ±.008
9
A
.6250
.469
.514
.820
.773
.719
.594
.948 .128
.153
.198
.650
.510
.234
.905
.908 .216
11
B
.7500
.469
.514
.820
.773
.812
.719
1.043 .128
.153
.198
.800
.620
.234
.905
.908 .194
13
C
.8750
.469
.514
.820
.773
.906
.812
1.137 .128
.153
.198
.910
.740
.234
.905
.908 .194
15
D
1.0000
.469
.514
.820
.773
.969
.906
1.232 .128
.153
.198
1.040
.900
.234
.905
.908 .173
17
E
1.1875
.469
.514
.820
.773
1.062
.969
1.323 .128
.153
.198
1.210 1.010
.234
.905
.908 .194
19
F
1.2500
.469
.514
.820
.773
1.156 1.062 1.449 .128
.153
.198
1.280 1.130
.234
.905
.908 .194
21
G
1.3750
.500
.545
.790
.741
1.250 1.156 1.575 .128
.183
.228
1.410 1.250
.204
.905
.904 .194
23
H
1.5000
.500
.545
.790
.741
1.375 1.250 1.701 .154
.183
.228
1.530 1.360
.204
.905
.904 .242
25
J
1.6250
.500
.545
.790
.741
1.500 1.375 1.823 .154
.183
.228
1.660 1.470
.204
.905
.904 .242
MS
M
M1
A1 Dia. A2 Dia.
LL
Shell
L
L1
+.00
+.00
V
Z
Z1
Back
Front
+.15
LL1
Shell
Size
Max.
Max.
–.13
–.13
R1
R2
S
T
Thread
Max. Max.
Panel Panel
AA
–.00
±.13
TT
Size
Code
(TV)
(CTV)
(TV)
(CTV)
Max
±.20
Metric
(TV) (CTV) Mount Mount
Max.
(TV)
(CTV) ±.20
9
A
11.91
13.06 20.83
19.63 18.26 15.09
24.1
3.25
M12X1-6g
3.89 5.03
16.66 13.11
5.94
22.99 23.06 5.49
11
B
11.91
13.06 20.83
19.63 20.62 18.26
26.5
3.25
M15X1-6g
3.89 5.03
20.22 15.88
5.94
22.99 23.06 4.93
13
C
11.91
13.06 20.83
19.63 23.01 20.62
28.9
3.25
M18X1-6g
3.89 5.03
23.42 19.05
5.94
22.99 23.06 4.93
15
D
11.91
13.06 20.83
19.63 24.61 23.01
31.3
3.25
M22X1-6g
3.89 5.03
26.59 23.01
5.94
22.99 23.06 4.39
17
E
11.91
13.06 20.83
19.63 26.97 24.61
33.7
3.25
M25X1-6g
3.89 5.03
30.96 25.81
5.94
22.99 23.06 4.93
19
F
11.91
13.06 20.83
19.63 29.36 26.97
36.9
3.25
M28X1-6g
3.89 5.03
32.94 28.98
5.94
22.99 23.06 4.93
21
G
12.70
13.84 20.07
18.82 31.75 29.36
40.1
3.25
M31X1-6g
4.65 5.79
36.12 32.16
5.18
22.99 22.96 4.93
23
H
12.70
13.84 20.07
18.82 34.93 31.75
43.3
3.91
M34X1-6g
4.65 5.79
39.29 34.93
5.18
22.99 22.96 6.15
25
J
12.70
13.84 20.07
18.82 38.10 34.93
46.4
3.91
M37X1-6g
4.65 5.79
42.47 37.69
5.18
22.99 22.96 6.15
Millimeters
Inches
All dimensions for reference only
Designates true position dimensioning
Part number reference.
See how to order, pages 43-46
to complete.
TVP00RW-XX-XXX
TVPS00RK-XX-XXX
TVPS00RF-XX-XXX
TVPS00RS-XX-XXX
CTVP00RW-XX-XXX
CTVPS00RF-XX-XXX
D38999/20
BACK PANEL
MOUNTING
FRONT PANEL
MOUNTING
A1
A2
PANEL HOLE
DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com