Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL2000-R5300 Datasheet(PDF) 2 Page - SICK AG

Part # WL2000-R5300
Description  COMPACT PHOTOELECTRIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL2000-R5300 Datasheet(HTML) 2 Page - SICK AG

  WL2000-R5300 Datasheet HTML 1Page - SICK AG WL2000-R5300 Datasheet HTML 2Page - SICK AG WL2000-R5300 Datasheet HTML 3Page - SICK AG WL2000-R5300 Datasheet HTML 4Page - SICK AG WL2000-R5300 Datasheet HTML 5Page - SICK AG WL2000-R5300 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WL2000-R5300 | W2000
COMPACT PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
WL2000-R5300
7023053
Other models and accessories
www.sick.com/W2000
Detailed technical data
Features
Sensor/ detection principle
Photoelectric retro-reflective sensor
Dimensions (W x H x D)
45 mm x 73.7 mm x 48.6 mm
Housing design (light emission)
Rectangular
Sensing range max.
0 m ... 15 m 1)
Sensing range
0 m ... 15 m 1)
Type of light
Visible red light
Light source
LED 2)
Light spot size (distance)
Ø 320 mm (14 m)
Angle of dispersion
Approx. 1.3°
Wave length
660 nm
Adjustment
Potentiometer
1) Reflector PL80A.
2) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
24 V AC/DC ... 240 V AC/DC 1)
Power consumption
≤ 6 W 2)
Switching output
Relay, electrically isolated
Output function
Change-over contacts
Switching mode
Light/dark switching
Switching mode selector
Selectable via light/dark selector
Switching current (switching voltage)
3 A (265 V)
Response time
≤ 10 ms 3)
Switching frequency
10 Hz 4)
1) Limit values.
2) Without load.
3) Signal transit time with resistive load.
4) With light/dark ratio 1:1.
5) Reference voltage: 50 V DC.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2019-01-28 13:26:15
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com