Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL2000-R5300 Datasheet(PDF) 5 Page - SICK AG

Part # WL2000-R5300
Description  COMPACT PHOTOELECTRIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL2000-R5300 Datasheet(HTML) 5 Page - SICK AG

  WL2000-R5300 Datasheet HTML 1Page - SICK AG WL2000-R5300 Datasheet HTML 2Page - SICK AG WL2000-R5300 Datasheet HTML 3Page - SICK AG WL2000-R5300 Datasheet HTML 4Page - SICK AG WL2000-R5300 Datasheet HTML 5Page - SICK AG WL2000-R5300 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
WL2000-R5300 | W2000
COMPACT PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
45 (1.77)
1
2
5
4
3
48.6 (1.91)
9.8
(0.39)
32.1 (1.26)
Internal thread
(1/2 - 14NPSM)
External thead
(M30 x 1.5)
5.7 x 7.8
slots
6
6
①  LED indicator green: Supply voltage active
②  Status indicator LED red: signal strength
③  Status indicator LED, yellow: Output active 
④  Center of emitter optical axis
⑤  Center of receiver optical axis
⑥  Mounting hole ø 0.2 mm x 0.8 mm
Recommended accessories
Other models and accessories
www.sick.com/W2000
Brief description
Type
Part no.
Reflectors
Rectangular, screw connection, 47 mm x 47 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
P250
5304812
Rectangular, screw connection, 38 mm x 15 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL20A
1012719
Rectangular, screw connection, 56 mm x 28 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL30A
1002314
Rectangular, screw connection, 37 mm x 56 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL40A
1012720
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
Self-adhesive
REF-IRF-56
5314244
Round, screw connection, PMMA/ABS, Center hole mounting, screw-on
C110A
5304549
2019-01-28 13:26:15 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com