Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP06 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MP06
Description  Power Rheostats
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MP06 Datasheet(HTML) 1 Page - Vishay Siliconix

  MP06 Datasheet HTML 1Page - Vishay Siliconix MP06 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
3
MP06
Vishay Angstrohm
Document Number: 66101
Revision 25-Aug-00
Power Rheostats
12.5 Watt
MP06
MODEL
100
VALUE
A
BUSHING AND SHAFT CONFIGURATION
NOTE: For Additional Features: Submit detailed drawing information when ordering “non-standard” parts.
ORDERING INFORMATION
* All other intermediate resistance values are available
and can be manufactured on a normal delivery cycle.
MAXIMUM
AMPS
TOTAL
OHMS
1.0
2.0
2.5
3.0
5.0
6.0
8.0
10.0
15.0
25.0
35.0
50.0
75.0
100.0
125.0
150.0
175.0
200.0
250.0
350.0
500.0
750.0
1000.0
1500.0
2500.0
3500.0
5000.0
3.530
2.500
2.240
2.040
1.580
1.440
1.250
1.120
0.910
0.710
0.600
0.500
0.410
0.350
0.320
0.290
0.270
0.250
0.220
0.190
0.160
0.130
0.110
0.091
0.071
0.060
0.050
APPROXIMATE
STEPS
29
42
38
44
40
48
51
51
51
73
75
86
103
108
128
128
148
130
166
185
215
255
260
310
321
378
430
RESISTANCE VALUES*
Angstrohm rheostat standard wattage ratings are based on a 300
°C rise in “free-air”
in ambient not exceeding + 40
°C (shown). For other applications, wattage ratings
are available based on 340
°C rise in "free-air" in ambient not exceeding + 25°C,
and in other cases + 50
°C.
120
100
80
60
40
20
0
40
100
150
200
250
300
350
AMBIENT TEMP. DEG. CENTIGRADE
DERATING
— Resistance value
— Amps
— Date code
MARKING
7/8
[22.22]
Dia.
1/4
[6.35]
3/64 x 3/32
[1.19 x 2.38]
Hole
Knob # 452
3/4
[19.05]
7/16
[11.11]
Dial # 448
1 1/4 [31.75]
1/8
[3.18]
Dia.
5/8
[15.88]
11/16
[17.46]
19/32
[15.08]
3/32
[2.38]
1/4
[6.35]
BUSHING
1/4 [6.35].
32 Thread with
1/16 [1.59] Thick
Hex Nut
DIMENSIONS in inches [millimeters]
FEATURES
• Diameter 7/8" [22.22mm]
• Depth behind panel 11/16" [17.46mm]
• Shaft 1/8" [3.18mm] diameter
• Rotation 300
° ± 5°
• Weight 0.037 pounds (17 grams)
• Mounts on panels up to 1/8" [3.18mm] by means of a 1/4" [6.35mm], 32 bushing
and hex nut
• Non-turn lugs require 1/8" [3.18mm] hole, 1/4" [6.35mm] below center of shaft -
Model "A" shaft
A = Standard Round Shaft


Similar Part No. - MP06

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP06 CHENG-YI-MP06 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP06 CHENG-YI-MP06 Datasheet
154Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
CTS Corporation
MP060 CTS-MP060 Datasheet
133Kb / 5P
Quartz Crystal
logo
Golledge Electronics Lt...
MP06037 GOLLEDGE-MP06037 Datasheet
214Kb / 6P
SAW Filter 1590.1550MHz
logo
Multicomp Pro
MP0603B102K251CT MULTICOMP-MP0603B102K251CT Datasheet
790Kb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
05/01/23 V1.0
More results

Similar Description - MP06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP25 VISHAY-MP25 Datasheet
59Kb / 1P
Power Rheostats
25-Aug-00
MP30 VISHAY-MP30 Datasheet
83Kb / 2P
Power Rheostats 150 Watt
25-Aug-00
MP10A1500 VISHAY-MP10A1500 Datasheet
81Kb / 2P
Power Rheostats
25-Aug-00
logo
Molex Electronics Ltd.
45714-0001 MOLEX-45714-0001 Datasheet
205Kb / 2P
Power Edge??Power Connector
logo
Ohmite Mfg. Co.
RCLR50E OHMITE-RCLR50E Datasheet
231Kb / 2P
Rheostats
logo
Siemens Semiconductor G...
6EP1332-1SH52 SIEMENS-6EP1332-1SH52 Datasheet
3Mb / 44P
Power supply LOGO!Power
logo
Ohmite Mfg. Co.
RHS1K0E OHMITE-RHS1K0E Datasheet
233Kb / 2P
Rheostats (Potentiometers) Wirewound
logo
Microsemi Corporation
APT5014BLLG MICROSEMI-APT5014BLLG Datasheet
2Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
APT30M70BVFRG MICROSEMI-APT30M70BVFRG Datasheet
9Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
logo
Shenzhen Huazhimei Semi...
HM6N90 HMSEMI-HM6N90 Datasheet
479Kb / 9P
ATX Power, LED Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com