Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFD Datasheet(PDF) 1 Page - Logic Fruit Technologies

Part # SMFD
Description  Smart Multi-Functional Display (SMFD)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LFTECH [Logic Fruit Technologies]
Direct Link  https://www.logic-fruit.com/
Logo LFTECH - Logic Fruit Technologies

SMFD Datasheet(HTML) 1 Page - Logic Fruit Technologies

  SMFD Datasheet HTML 1Page - Logic Fruit Technologies SMFD Datasheet HTML 2Page - Logic Fruit Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technologies
DATASHEET
WWW.LOGIC-FRUIT.COM
Smart Multi-Functional
Display (SMFD)
Main Features and Benefits
Built-in fault tolerant real-time graphic
processor.
Color AMLCD with LED backlighting.
ARINC-818 Digital Video, MIL-1553B,
ARINC-429 input and output available.
Supports display of external video image
overlaid with of ARINC 818 input video
symbols display.
Wide viewing angle.
High resolution (1400x1050).
Configurable functional keyboard with night
light.
Time of continuous operation above 10 hours.
MIL-STD 810F, 461C qualified;
NVIS compliant.
Built in Test.


Similar Part No. - SMFD

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF PACELEADER-SMF Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
SOD 123FL Plastic-Encapsulate Diodes
logo
Littelfuse
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Sanyou Corporation Limi...
SMF SANYOU-SMF Datasheet
92Kb / 3P
Miniature Power Relay
More results

Similar Description - SMFD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PQ09R05 ETC1-PQ09R05 Datasheet
245Kb / 2P
MULTI-FUNCTIONAL REGULATOR MODULE
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
Solid-state Multi-functional Timer
logo
Hirose Electric
DF59 HIROSE-DF59 Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
logo
Advantech Co., Ltd.
AIM-P701 ADVANTECH-AIM-P701 Datasheet
749Kb / 1P
Multi-Functional Smart Cradle for AIM-37 Mobile POS
26-Jun-2017
logo
Molex Electronics Ltd.
64016-0039 MOLEX-64016-0039 Datasheet
131Kb / 3P
ServiceGrade횚 Multi-Functional Tool
07-10-12
ATS-640160039 MOLEX-ATS-640160039 Datasheet
131Kb / 3P
ServiceGradeÔ Multi-Functional Tool
07-10-12
logo
NXP Semiconductors
SL2-ICS20 NXP-SL2-ICS20 Datasheet
86Kb / 25P
Smart Label IC SL2 ICS20 Functional Specification
Revision 3.1
logo
Bivar, Inc.
922-342 BIVAR-922-342 Datasheet
64Kb / 1P
MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
logo
Advantech Co., Ltd.
TREK-303R-FL ADVANTECH-TREK-303R-FL Datasheet
267Kb / 2P
7" In-Vehicle Smart Display with Smart Display 2.0
8-Jun-2022
TREK-306D-FL ADVANTECH-TREK-306D-FL Datasheet
576Kb / 2P
10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com